전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 93 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 89Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 90Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 91Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 92Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 93Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 94Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 95Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 96Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
93
4.13.3.5
PWM Channel Counter Registers (PWMCNTx)
NOTE
Writing to the counter while the channel is enabled can cause an irregular PWM cycle to
occur.
Each channel has a dedicated 8-bit up/down counter, which runs at the rate of the selected clock source. The counter can be
read at any time without affecting the count or the operation of the PWM channel. In left aligned output mode, the counter counts
from 0 to the value in the period register - 1. In center aligned output mode, the counter counts from 0 up to the value in the period
register and then back down to 0.
Any value written to the counter causes the counter to reset to $00, the counter direction to be set to up, the immediate load of
both duty and period registers with values from the buffers, and the output to change according to the polarity bit. The counter is
also cleared at the end of the effective period (see Section 4.13.4.2.5, “Left Aligned Outputs"” and Section 4.13.4.2.6, “Center
Aligned Outputs"” for more details). When the channel is disabled (PWMEx = 0), the PWMCNTx register does not count. When
a channel becomes enabled (PWMEx = 1), the associated PWM counter starts at the count in the PWMCNTx register. For more
detailed information on the operation of the counters, see Section 4.13.4.2.4, “PWM Timer Counters"”.
Table 117. PWM Scale B Register (PWMSCLB)
Offset(83) 0x63
Access: User read/write
7
654321
0
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reset
000
00000
Note:
83. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 118. PWM Channel Counter Registers (PWMCNTx)
Offset(84) 0x64/0x65
Access: User read/write
76
543
210
R
Bit 7
6
5
4
3
2
1
Bit 0
W
0
00
000
00
Reset
0
00
000
00
Note:
84. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com