전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 77 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 73Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 74Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 75Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 76Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 77Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 78Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 335 page
background image
Functional Description and Application Information
Window Watchdog
MM912F634
Freescale Semiconductor
77
4.9
Window Watchdog
The MM912F634 analog die includes a configurable window watchdog, which is active in Normal mode. The watchdog module
is based on a separate clock source (fBASE) operating independent from the MCU based D2DCLK clock. The watchdog timeout
(tWDTO) can be configured between 10 ms and 1280 ms (typ.) using the Watchdog Register (WDR).
During Low Power mode, the watchdog feature is not active, a D2D read during Stop mode will have the WDOFF bit set.
To clear the watchdog counter, a alternating write must be performed to the Watchdog Service Register (WDSR). The first write
after the RESET_A has been released has to be 0xAA. The next one must be 0x55.
After the RESET_A has been released, there will be a standard (non-window) watchdog active with a fixed timeout of tIWDTO.
The Watchdog Window Open (WDWO) bit is set during that time and the window watchdog can be configured (WDR) without
changing the initial timeout, and can be trimmed using the trim value given in the MCU trimming Flash section. See Section 4.25,
“MM912F634 - Analog Die Trimming".
Figure 21. MM912F634 Analog Die Watchdog Operation
To enable the window watchdog, the initial counter reset has to be performed by writing 0xAA to the Watchdog Service Register
(WDSR) before tIWDTO is reached.
If the tIWDTO timeout is reached with no counter reset or a value different from 0xAA was written to the WDSR, a watchdog reset
will occur.
Once entering Window Watchdog mode, the first half of the time tWDTO forbids a counter reset. To reset the watchdog counter,
an alternating write of 0x55 and 0xAA must be performed within the second half of the tWDTO. A Window Open (WDWO) flag will
indicate the current status of the window. A timeout or wrong value written to the WDSR will force a watchdog reset.
For debug purpose, the watchdog can be completely disabled by applying VTST to the TCLK pin while TEST_A is grounded. The
watchdog will be disabled as long as VTST is present. The watchdog is guaranteed functional for VTSTEN. The WDOFF bit will
indicate the watchdog being disabled. The WDSR register will reset to default once the watchdog is disabled. Once the watchdog
is re-enabled, the initial watchdog sequence has to be performed.
During Low Power mode, the Watchdog clock is halted and the Watchdog Service Register (WDSR) is reset to the default state.
Window Watch Dog
Window Closed
Window Watch Dog
Window Open
Standard Initial Watch Dog (no window)
tIWDTO
WD Register
WRITE = 0x55
Initial WD Reg.
WRITE = 0xAA
Window Watch Dog
Window Closed
Window Watch Dog
Window Open
tWDTO / 2
tWDTO / 2
Window WD timing (tWDTO)
t
WD Register
WRITE = 0xAA
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com