전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 60 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 56Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 57Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 58Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 59Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 60Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 61Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 62Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 335 page
background image
Functional Description and Application Information
Power Supply
MM912F634
Freescale Semiconductor
60
Figure 17. MM912F634 Power Supply
4.4.1
Voltage Regulators VDD (2.5 V) & VDDX (5.0 V)
To supply the MCU die and minor additional loads two cascaded voltage regulators have been implemented, VDDX (5.0 V) and
VDD (2.5 V). External capacitors (CVDD) and (CVDDX) are required for proper regulation.
4.4.2
Power Up Behavior / Power Down Behavior
To guarantee safe power up and down behavior, special dependencies are implemented to prevent unwanted MCU execution.
Figure 18 shows a standard power up and power down sequence.
VDDX (5V)
Regulator
VDD (2.5V)
Regulator
HSUP (18V)
Regulator
HS1 & HS2
ADC
÷
HSUP
HS1
HS2
VDDX
VDD
ADC 2.5V
Reference
VDDXINTERNAL
VDDINTERNAL
ADC2p5
CVDDX
CVDD
CADC
CHSUP
HVI
LVI
LBI
LVR
LVRX
VROV
bg1p25sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com