전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 68 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 65Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 66Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 67Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 68Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 69Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 70Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 71Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 335 page
background image
Functional Description and Application Information
Interrupts
MM912F634
Freescale Semiconductor
68
4.6.2
Interrupt Sources
4.6.2.1
Voltage Status Interrupt (VSI)
The Voltage Status Interrupt - VSI combines the five interrupt sources of the Voltage Status Register. It is only available in the
Interrupt Source Register (ISR). Acknowledge the interrupt by reading the Voltage Status Register - VSR. To issue a new
interrupt, the condition has to vanish and occur again. See Section 4.4, “Power Supply" for details on the Voltage Status Register
including masking information.
4.6.2.2
Low Voltage Interrupt (LVI)
Acknowledge the interrupt by reading the Voltage Status Register - VSR. To issue a new interrupt, the condition has to vanish
and occur again. See Section 4.4, “Power Supply" for details on the Voltage Status Register including masking information.
4.6.2.3
Voltage Regulator High Temperature Interrupt (HTI)
Acknowledge the interrupt by reading the Voltage Status Register - VSR. To issue a new interrupt, the condition has to vanish
and occur again. See Section 4.4, “Power Supply" for details on the Voltage Status Register including masking information.
4.6.2.4
Low Battery Interrupt (LBI)
Acknowledge the interrupt by reading the Voltage Status Register - VSR. To issue a new interrupt, the condition has to vanish
and occur again. See Section 4.4, “Power Supply" for details on the Voltage Status Register including masking information.
4.6.2.5
TIM Channel 0 Interrupt (CH0)
See Section 4.18, “Basic Timer Module - TIM (TIM16B4C)".
Table 82. Interrupt Source Priority
Interrupt Source
IRQ
Priority
no interrupt pending or wake-up from Stop mode
0x00
1 (highest)
LVI - Low Voltage Interrupt
0x02
2
HTI - Voltage Regulator High Temperature Interrupt
0x04
3
LBI - Low Battery Interrupt
0x06
4
CH0 - TIM Channel 0 Interrupt
0x08
5
CH1 - TIM Channel 1 Interrupt
0x0A
6
CH2 - TIM Channel 2 Interrupt
0x0C
7
CH3 - TIM Channel 3 Interrupt
0x0E
8
TOV - Timer Overflow Interrupt
0x10
9
ERR - SCI Error Interrupt
0x12
10
TX - SCI Transmit Interrupt
0x14
11
RX - SCI Receive Interrupt
0x16
12
SCI - ADC Sequence Complete Interrupt
0x18
13
LINOT - LIN Driver Over-temperature Interrupt
0x1A
14
HSOT - High Side Over-temperature Interrupt
0x1C
15
LSOT - Low Side Over-temperature Interrupt
0x1E
16
HOT - HSUP Over-temperature Interrupt
0x20
17
HVI - High Voltage Interrupt
0x22
18
VROVI - Voltage Regulator Over-voltage Interrupt
0x24
19 (lowest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com