| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 162 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 162 Page - Agere Systems |
|
162 / 184 page ![]() ORCA OR3LP26B FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 162 Lucent Technologies Inc. Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 VSS VSS VSS*VSS* PB26A ad49 AD20 AN27 PB26B ad48 AE22 AL27 PB26C No Connect† —AK27 PB26D ad47 AF22 AP28 PB27A ad46 AD21 AN28 PB27B No Connect† AE23 AL28 PB27C No Connect† —AK28 PB27D ad45 AC22 AP29 VDD VDD VDD*VDD* PB28A ad44 AF23 AN29 PB28B ad43 AD22 AM29 PB28C No Connect† AE24 AP30 PB28D par64 AD23 AN30 VSS VSS VSS*VSS* PDONE DONE AF24 AP31 VDD VDD VDD*VDD* VSS VSS VSS*VSS* PRESETN RESET AE26 AL34 PPRGMN PRGM AD25 AK33 PR28A M0 AD26 AK34 PR28B No Connect† —AJ31 PR28C ad42 AC25 AJ32 PR28D ad41 AC24 AJ33 VDD VDD VDD*VDD* VDD2VDD2— VDD2 PR27A No Connect† AC26 — PR27B No Connect† —AJ34 PR27C No Connect† —AH30 PR27D ad40 AB25 AH31 PR26A ad39 AB23 AH33 PR26B ad38 AB24 AH34 PR26C No Connect† —AG30 PR26D ad37 AB26 AG31 VSS VSS VSS*VSS* PR25A ad36 AA25 AG33 PR25B ad35 Y23 AG34 PR25C ad34 AA24 AF30 |