| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 161 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 161 Page - Agere Systems |
|
161 / 184 page ![]() Lucent Technologies Inc. 161 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 VDD VDD VDD*VDD* PB18A HDC AD15 AK20 PB18B No Connect† —AP21 PB18C No Connect† —AN21 PB18D c_be4n AF16 AM21 PB19A ad63 AC15 AL21 PB19B No Connect† —AK21 PB19C No Connect† —AP22 PB19D No Connect† AE17 — VDD2VDD2— VDD2 VDD VDD VDD*VDD* PB20A LDC AD16 AN22 PB20B No Connect† — AM22 PB20C No Connect† —AL22 PB20D ad62 AF17 AK22 PB21A ad61 AC17 AP23 PB21B No Connect† —AN23 PB21C No Connect† —AL23 PB21D ad60 AE18 AK23 VSS VSS VSS*VSS* PB22A ad59 AD17 AP24 PB22B No Connect† —AN24 PB22C No Connect† —AL24 PB22D No Connect† —AK24 PB23A ad58 AF18 AP25 PB23B No Connect† —AN25 PB23C ad57 AE19 AM25 PB23D ad56 AF19 AL25 VSS VSS VSS*VSS* PB24A INIT AD18 AK25 PB24B ad55 AE20 AP26 PB24C ad54 AC19 AN26 PB24D ad53 AF20 AM26 PB25A — — — VDD2VDD2AD19 VDD2 PB25B ad52 AE21 AL26 PB25C ad51 AC20 AK26 PB25D ad50 AF21 AP27 |