전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OR3LP26B 데이터시트(PDF) 165 Page - Agere Systems

부품명 OR3LP26B
상세설명  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

OR3LP26B 데이터시트(HTML) 165 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 161Page - Agere Systems OR3LP26B Datasheet HTML 162Page - Agere Systems OR3LP26B Datasheet HTML 163Page - Agere Systems OR3LP26B Datasheet HTML 164Page - Agere Systems OR3LP26B Datasheet HTML 165Page - Agere Systems OR3LP26B Datasheet HTML 166Page - Agere Systems OR3LP26B Datasheet HTML 167Page - Agere Systems OR3LP26B Datasheet HTML 168Page - Agere Systems OR3LP26B Datasheet HTML 169Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 184 page
background image
Lucent Technologies Inc.
165
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information (continued)
Table 70. Pinout Information (continued)
* These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi-
tion of the power pad relative to nearby signal pads.
† Pins marked No Connect must be left unconnected.
‡ These pins are connected to a power plane in the package rather than to a particular pad.
OR3LP26B Pad
Function
PBGA 352
PBGAM 680
PR9B
I/O
K23
N33
PR9C
I/O
J25
N32
PR9D
I/O
K24
N31
PR8A
I/O
J26
N30
PR8B
I/O
H25
M34
PR8C
I/O
H26
M33
PR8D
I/O
J24
M31
VSS
VSS
VSS*VSS*
PR7A
I/O-RD
G25
M30
PR7B
I/O
—
L34
PR7C
I/O
—
L33
PR7D
I/O
—
L31
PR6A
I/O
H23
L30
PR6B
I/O
—
K34
PR6C
I/O
G26
K33
PR6D
I/O
—
K32
VDD
VDD
VDD*VDD*
PR5A
I/O
H24
K31
PR5B
I/O
—
K30
PR5C
I/O
—
J34
PR5D
I/O
—
J33
PR4A
—
—
—
VDD2VDD2F25
VDD2
PR4B
I/O
G23
J32
PR4C
I/O
F26
J31
PR4D
I/O
G24
J30
VSS
VSS
VSS*VSS*
PR3A
I/O-WR
E25
H34
PR3B
I/O
E26
H33
PR3C
I/O
—
H31
PR3D
I/O
F24
H30
PR2A
I/O
D25
G34
PR2B
I/O
—
G33
PR2C
I/O
—
G31
PR2D
I/O
E23
G30
VDD
VDD
VDD*VDD*
PR1A
I/O
D26
F34
PR1B
I/O
E24
F32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More