전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OR3LP26B 데이터시트(PDF) 166 Page - Agere Systems

부품명 OR3LP26B
상세설명  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

OR3LP26B 데이터시트(HTML) 166 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 162Page - Agere Systems OR3LP26B Datasheet HTML 163Page - Agere Systems OR3LP26B Datasheet HTML 164Page - Agere Systems OR3LP26B Datasheet HTML 165Page - Agere Systems OR3LP26B Datasheet HTML 166Page - Agere Systems OR3LP26B Datasheet HTML 167Page - Agere Systems OR3LP26B Datasheet HTML 168Page - Agere Systems OR3LP26B Datasheet HTML 169Page - Agere Systems OR3LP26B Datasheet HTML 170Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
166
Lucent Technologies Inc.
Lucent Technologies Inc.
Pin Information (continued)
Table 70. Pinout Information (continued)
* These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi-
tion of the power pad relative to nearby signal pads.
† Pins marked No Connect must be left unconnected.
‡ These pins are connected to a power plane in the package rather than to a particular pad.
OR3LP26B Pad
Function
PBGA 352
PBGAM 680
PR1C
I/O
C25
F31
PR1D
I/O
D24
E33
VSS
VSS
VSS*VSS*
PRD_CFGN
RD_CFGN
C26
D34
VDD
VDD
VDD*VDD*
VSS
VSS
VSS*VSS*
VDD
VDD
VDD*VDD*
VSS
VSS
VSS*VSS*
PT28D
I/O-SECKUR
A25
A31
PT28C
I/O
B24
A30
PT28B
I/O
A24
C29
PT28A
I/O
B23
B29
VDD
VDD
VDD*VDD*
PT27D
I/O
C23
A29
PT27C
I/O
—
E28
PT27B
I/O
—
D28
PT27A
I/O-RDY/RCLK
A23
B28
PT26D
I/O
B22
A28
PT26C
I/O
D22
E27
PT26B
I/O
—
D27
PT26A
I/O
C22
B27
VSS
VSS
VSS*VSS*
PT25D
I/O
A22
A27
PT25C
I/O
B21
E26
PT25B
I/O
D20
D26
PT25A
I/O
C21
C26
PT24D
I/O-D7
A21
B26
PT24C
I/O
B20
A26
PT24B
I/O
A20
E25
PT24A
I/O
C20
D25
VSS
VSS
VSS*VSS*
PT23D
—
—
—
VDD2VDD2B19
VDD2
PT23C
I/O
D18
C25
PT23B
I/O
A19
B25
PT23A
I/O
—
A25
PT22D
I/O
C19
E24
PT22C
I/O
—
D24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More