전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OR3LP26B 데이터시트(PDF) 167 Page - Agere Systems

부품명 OR3LP26B
상세설명  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

OR3LP26B 데이터시트(HTML) 167 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 163Page - Agere Systems OR3LP26B Datasheet HTML 164Page - Agere Systems OR3LP26B Datasheet HTML 165Page - Agere Systems OR3LP26B Datasheet HTML 166Page - Agere Systems OR3LP26B Datasheet HTML 167Page - Agere Systems OR3LP26B Datasheet HTML 168Page - Agere Systems OR3LP26B Datasheet HTML 169Page - Agere Systems OR3LP26B Datasheet HTML 170Page - Agere Systems OR3LP26B Datasheet HTML 171Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 184 page
background image
Lucent Technologies Inc.
167
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information (continued)
Table 70. Pinout Information (continued)
* These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi-
tion of the power pad relative to nearby signal pads.
† Pins marked No Connect must be left unconnected.
‡ These pins are connected to a power plane in the package rather than to a particular pad.
OR3LP26B Pad
Function
PBGA 352
PBGAM 680
PT22B
I/O
—
B24
PT22A
I/O
—
A24
VSS
VSS
VSS*VSS*
PT21D
I/O
B18
E23
PT21C
I/O
—
D23
PT21B
I/O
—
B23
PT21A
I/O
A18
A23
PT20D
I/O-D6
B17
E22
PT20C
I/O
—
D22
PT20B
I/O
—
C22
PT20A
I/O
C18
B22
VDD
VDD
VDD*VDD*
PT19D
I/O
A17
A22
PT19C
I/O
—
E21
PT19B
I/O
—
D21
PT19A
I/O
D17
C21
PT18D
I/O
B16
—
VDD2VDD2—
VDD2
PT18C
I/O
—
B21
PT18B
I/O
—
A21
PT18A
I/O-D5
C17
E20
VDD
VDD
VDD*VDD*
PT17D
I/O
A16
D20
PT17C
I/O
—
B20
PT17B
I/O
—
A20
PT17A
I/O
B15
E19
PT16D
I/O
A15
D19
PT16C
I/O
—
B19
PT16B
I/O
—
A19
PT16A
I/O-D4
C16
E18
VSS
VSS
VSS*VSS*
PECKT
I-ECKT
B14
D18
PT15D
—
—
—
PT15C
I/O
D15
—
VDD2VDD2—
VDD2
PT15B
I/O
A14
C18
PT15A
I/O-D3
C15
A18
VSS
VSS
VSS*VSS*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More