| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 171 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 171 Page - Agere Systems |
|
171 / 184 page ![]() Lucent Technologies Inc. 171 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 ‡VDD —— ‡VDD AC6 — ‡VDD AC11 — ‡VDD AC16 — ‡VDD AC21 — ‡VDD —— ‡VDD —AL32 ‡VDD —AL33 ‡VDD —AM1 ‡VDD —AM2 ‡VDD —AM4 ‡VDD —AM7 ‡VDD — AM11 ‡VDD — AM15 ‡VDD — AM20 ‡VDD — AM24 ‡VDD — AM28 ‡VDD — AM31 ‡VDD — AM33 ‡VDD — AM34 ‡VDD —AN3 ‡VDD —AN4 ‡VDD —AN31 ‡VDD —AN32 ‡VDD —— ‡VDD —AP3 ‡VDD —AP32 ‡VDD —— ‡VDD2— C5 ‡VDD2— C30 ‡VDD2— D5 ‡VDD2— D30 ‡VDD2— E3 ‡VDD2— E4 ‡VDD2— E5 ‡VDD2— E6 ‡VDD2— E29 ‡VDD2— E30 |