전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3077 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 AN3077
상세설명  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 55Page - STMicroelectronics AN3077 Datasheet HTML 56Page - STMicroelectronics AN3077 Datasheet HTML 57Page - STMicroelectronics AN3077 Datasheet HTML 58Page - STMicroelectronics AN3077 Datasheet HTML 59Page - STMicroelectronics AN3077 Datasheet HTML 60Page - STMicroelectronics AN3077 Datasheet HTML 61Page - STMicroelectronics AN3077 Datasheet HTML 62Page - STMicroelectronics AN3077 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
DocID16384 Rev 10
59/82
AN3077
Scenarios for automotive applications: Motor control
81
5
Scenarios for automotive applications: Motor control
This section shows some examples of safety-related inputs and outputs from some motor
control applications.
5.1
Application example 1
●
Application: 3-phase electric motor control
●
Motor control algorithm: Field Oriented Control (FOC)
●
Position sensor(s): Incremental encoder; 3 Hall sensors
●
Current sensor(s): 3 shunts on motor phases or on inverter legs
●
Current sensor(s) for diagnostic: 1 shunt on direct-current (DC) link
5.1.1
Functional safety related inputs
Table 14. Functional safety inputs for application example 1
Signal description
Input signal
(alias)
Source
Destination
(module on
Device_Number
)
Comments
FCCU input
FCCU_F[1]
(if used)
FCCU output pin
FCCU_F[0]
FCCU
FCCU output loop-back signal.
Phase current 1
AN[0]
ASIC or current
sensor
ADC_0
Precautions for usage are
presented in Section 3.15.1.1:
Single Read Analog Inputs.
Phase current 2
AN[15]
ASIC or current
sensor
ADC_1
Precautions for usage are
presented in Section 3.15.1.1:
Single Read Analog Inputs.
Phase current 3
AN[11]
ASIC or current
sensor
ADC_0
ADC_1
Precautions for usage are
presented in Section 3.15.1.1:
Single Read Analog Inputs.
DC voltage for DC
ripple compensation
AN[1]
ASIC
ADC_0
Precautions for usage are
presented in Section 3.15.1.1:
Single Read Analog Inputs.
DC-link current
AN[16]
ASIC or current
sensor
ADC_1
Precautions for usage are
presented in Section 3.15.1.1:
Single Read Analog Inputs.
Non-maskable
interrupt
NMI(1)
External
component
(ASIC)
WKPU
Critical interrupt routine or
error/fault signal coming from
external device.
Reset signal
RESET B
External
component
(ASIC,
companion chip)
MC_RGM
Reset signal coming from external
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com