| 전자부품 데이터시트 검색엔진 |
|
AN3077 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 82 page ![]() Scenarios for automotive applications: Motor control AN3077 62/82 DocID16384 Rev 10 5.2.1 Functional safety related inputs Table 16. Functional safety inputs for application example 2 Signal description Input Signal (alias) Source Destination (module on Device_Number ) Comments FCCU input FCCU_F[1] (if used) FCCU output pin FCCU_F[0] FCCU FCCU output loop-back signal. Phase current 1 AN[0] ASIC or current sensor ADC_0 Precautions for usage are presented in Section 3.15.1.1: Single Read Analog Inputs. Phase current 2 AN[15] ASIC or current sensor ADC_1 Precautions for usage are presented in Section 3.15.1.1: Single Read Analog Inputs. Phase current 3 AN[11] ASIC or current sensor ADC_0 ADC_1 Precautions for usage are presented in Section 3.15.1.1: Single Read Analog Inputs. DC voltage for DC ripple compensation AN[1] ASIC ADC_0 Precautions for usage are presented in Section 3.15.1.1: Single Read Analog Inputs. DC-link current AN[16] ASIC or current sensor ADC_1 Precautions for usage are presented in Section 3.15.1.1: Single Read Analog Inputs. Non-maskable interrupt NMI(1) External component (ASIC) Wake-up Unit Critical interrupt routine or error/fault signal coming from external device. Reset signal RESET B External component (ASIC, companion chip) MC_RGM Reset signal coming from external device. Resolver management (sine/cosine) AN[2–3] AN[17–18] Resolver ADC_0 ADC_1 Precautions for usage are presented in Section 3.15.1.1: Single Read Analog Inputs. Hall sensors management ETC[0–2] ETC[0–2] Hall sensors eTimer_0 eTimer_1 Precautions for usage are presented in Section 3.13.2.1: Double Read PWM Inputs. DSPI receive signal SIN External component (ASIC) DSPI_0 If DSPI_0 is used, an appropriate safety protocol must be utilized. DSPI receive signal SIN External component (ASIC) DSPI_1 If DSPI_1 is used, an appropriate safety protocol must be utilized. FlexCAN receive signal CAN_RX External component (ASIC) FlexCAN_0 If FlexCAN_0 is used, an appropriate safety protocol must be utilized. |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |