| 전자부품 데이터시트 검색엔진 |
|
AN3077 데이터시트(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 데이터시트(HTML) 65 Page - STMicroelectronics |
|
65 / 82 page ![]() DocID16384 Rev 10 65/82 AN3077 Scenarios for automotive applications: Motor control 81 5.3.2 Functional safety related outputs Non-maskable interrupt NMI(1) External component (ASIC) Wake-up Unit Critical interrupt routine or error/fault signal coming from external device. Reset signal RESET B External component (ASIC, companion chip) MC_RGM Reset signal coming from external device. Incremental Encoder management ETC[0–1] ETC[0–1] Incremental encoder eTimer_0 eTimer_1 Precautions for usage are presented in Section 3.13.3.1: Double Read Encoder Inputs. Hall sensors management ETC[2–4] ETC[2–4] Hall sensors eTimer_0 eTimer_1 Precautions for usage are presented in Section 3.13.2.1: Double Read PWM Inputs. DSPI receive signal SIN External component (ASIC) DSPI_0 If DSPI_0 is used, an appropriate safety protocol must be utilized. DSPI receive signal SIN External component (ASIC) DSPI_1 If DSPI_1 is used, an appropriate safety protocol must be utilized. FlexCAN receive signal CAN_RX External component (ASIC) FlexCAN_0 If FlexCAN_0 is used, an appropriate safety protocol must be utilized. FlexCAN receive signal CAN_RX External component (ASIC) FlexCAN_1 If FlexCAN_1 is used, an appropriate safety protocol must be utilized. FlexRay receive signals FR_CA_RX FR_CB_RX External component (ASIC) FlexRay If FlexRay is used, an appropriate safety protocol must be utilized. 1. The NMI input is not intended or certified for use as the sole mechanism to react to the failure of a system component external to the Device_Number device. For ASIL D certification, additional measures at the system level are necessary to handle failures of non-Device_Number components beyond notification of the Device_Number device via NMI. Table 18. Functional safety inputs for application example 3 (continued) Signal description Input signal (alias) Source Destination (module on Device_Number ) Comments |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |