전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3077 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN3077
상세설명  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 7Page - STMicroelectronics AN3077 Datasheet HTML 8Page - STMicroelectronics AN3077 Datasheet HTML 9Page - STMicroelectronics AN3077 Datasheet HTML 10Page - STMicroelectronics AN3077 Datasheet HTML 11Page - STMicroelectronics AN3077 Datasheet HTML 12Page - STMicroelectronics AN3077 Datasheet HTML 13Page - STMicroelectronics AN3077 Datasheet HTML 14Page - STMicroelectronics AN3077 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
DocID16384 Rev 10
11/82
AN3077
General information
81
–
FCCU configured as “slow switching mode”: an indication delay could occur.
The maximum delay is equal to period of the error out signal. This parameter
shall be configured equal to its minimum which is 128 µs.
–
Bi-stable protocol: indication delay is maximum 64 µs. As soon as the FCCU
receives a fault signal, it reports the failure to the outside world via output pin
(FCCU_F[0:1], if properly configured).
If the configured reaction to a fault is an interrupt, an additional delay (interrupt latency) can
occur until the interrupt handler is able to start executing (for example, higher priority IRQs,
XBAR contention, register saving, and so on).
General failure rate, or the Failure Modes, Effects and Diagnostic Analysis (FMEDA) report,
is available upon request when covered by an NDA (contact your ST representative).
2.4
Error handling
Error handling can be split into two categories:
●
Handling of errors during runtime
●
Handling of errors during boot time (for example, Logic Built-In Self-Test (LBIST),
Memory Built-In Self-Test (MBIST))
Mandatory: Runtime errors shall be handled in a time shorter than the FTTI.
Mandatory: Boot time failures shall be handled before the safety function starts.
Note:
Implementation hint: To satisfy this requirement regarding the LBIST/MIBST, Self-Test
Control Unit (STCU) status condition shall be checked by application software before safety
application starts (See “Integrity SW Operations” section of the “Self-Test Control Unit
(STCU)” chapter in the Device_Number Reference Manual for details).
2.5
Sphere of Replication
Sphere of Replication (SoR) is used for duplicating of critical components on the
Device_Number. The following modules are included in the SoR:
●
e200z4 Cores
●
Enhanced Direct Memory Access (eDMA)
●
Interrupt Controller (INTC)
●
Crossbar Switch (XBAR)
●
Memory Protection Unit (MPU)
●
Flash memory controller
●
Static RAM Controller (SRAMC)
●
System Timer Module (STM)
●
Software Watchdog Timer (WDT)
●
Peripheral Bridge (PBRIDGE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com