전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3077 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 AN3077
상세설명  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 43Page - STMicroelectronics AN3077 Datasheet HTML 44Page - STMicroelectronics AN3077 Datasheet HTML 45Page - STMicroelectronics AN3077 Datasheet HTML 46Page - STMicroelectronics AN3077 Datasheet HTML 47Page - STMicroelectronics AN3077 Datasheet HTML 48Page - STMicroelectronics AN3077 Datasheet HTML 49Page - STMicroelectronics AN3077 Datasheet HTML 50Page - STMicroelectronics AN3077 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
DocID16384 Rev 10
47/82
AN3077
Functional safety requirements for application software
81
3.17
Software Watchdog Timer (SWT)
Mandatory: These requirements apply to the SWT for ASIL D applications:
●
Both of the following must be true:
–
The SWT is enabled
–
Configuration registers hard locked to avoid unwanted modification
●
The SWT time window settings must be set to a value less than the FTTI. Detection
latency shall be smaller than FTTI.
●
Before the safety function is executed, software must verify that the SWT is enabled by
reading the SWT control register (SWT_CR[WEN] = 1).
Note:
Rationale: To detect a defective program sequence
Mandatory: Control flow monitoring can be implemented by SWT. However, other control
flow monitoring approaches that do not used the SWT may also be used.
Device_Number provides the hardware support (SWT) to implement both control flow and
temporal monitoring methods. Refer to the Device_Number Reference Manual for the SWT
functional description.
Note:
Implementation hint: To enable the SWT, and to hard lock the configuration register,
SWT_CR[WEN] and SWT_CR[HLK] must be asserted (= 1).
The timeout register (SWT_TO) must contain a 32-bit value that represents a timeout less
than the FTTI.
If Windowed mode and Keyed Service mode (two pseudorandom key values used to
service the watchdog) are enabled, it is possible to reach a high effective temporal flow
monitoring.
3.18
Redundancy Control Checking Unit (RCCU)
The task of the RCCU unit is to perform a cycle-by-cycle comparison of the outputs of the
modules included in the SoR. The SoR is the logical part of the device that contains all the
modules that are replicated for functional safety reasons.
The RCCU is able to detect any mismatch between the outputs of two replicated modules.
The error information is forwarded to the MC_RGM and FCCU.
For ASIL D applications, use of the RCCU is indispensable. The use of RCCU’s is
automatically managed by the Device_Number device, users cannot disable the RCCU.
Note:
Rationale: To catch faults in the processing channel
The RCCUs are only enabled when the Device_Number is in LSM. Application software
must determine whether LSM mode is activate. Please refer to Section 3.2.2: Checking for
further details.
3.19
Cyclic Redundancy Checker Unit (CRC)
The CRC module computes CRC checksums, which offloads the CPU. The CRC has the
capability of processing two CRC calculations simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com