전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2014 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 AN2014
상세설명  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics AN2014 Datasheet HTML 60Page - STMicroelectronics AN2014 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
DocID10701 Rev 10
57/65
AN2014
Power supply loss and application reset
64
Figure 46. Emergency sequence MICROWIRE products
Note:
If the emergency software sequence can be executed so that the EEPROM is not
deselected at a data byte boundary (multiple of 8 bits), there is no risk of triggering a write
cycle.
After the emergency sequence, the power supply of the EEPROM (through keep alive
systems or a backup capacitor at the EEPROM level) must remain high enough to allow an
eventual write cycle to complete correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65