전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2014 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN2014
상세설명  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 8Page - STMicroelectronics AN2014 Datasheet HTML 9Page - STMicroelectronics AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics AN2014 Datasheet HTML 15Page - STMicroelectronics AN2014 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
EEPROM cell and memory array architecture
AN2014
12/65
DocID10701 Rev 10
1.1.3
Cycling limit of EEPROM cells
When a cell is cycled (repeatedly erased and programmed) two common phenomena occur
and are amplified during the memory cell lifetime. When tunneling, negative charges can
either be trapped in some imperfection of the oxide or damage the Tunnel Oxide:
1.
Charge trapping
The accumulation of negative charges in the thin Tunnel Oxide creates an electric
barrier in the Tunnel Oxide. The high voltage needed for the tunneling effect becomes
even higher: programming high voltages are no more able to move enough charges to
program the cell properly. The Erased and Written states become undifferentiated.
2.
Stress on oxide
When the Tunnel Oxide deteriorates, a positive charge path may appear, that
facilitates undesirable leakage through the Tunnel Oxide. The floating gate is no more
100% insulated, and loses its charges, and so the data retention time drops drastically.
Figure 9. Accumulation of negative or positive charges in the tunnel oxide
Charge trapping and oxide damage are accelerated at high temperatures. They are directly
involved in cell cycling and endurance limitations.
Permanent digital information storage has to cope with physical phenomena and analog
nonlinear behaviors that have natural limits and are sensitive to wear-out and improper use
conditions.
AI10251
Control Gate
Source
Horizontal electric barrier
disturbing erase and write
Oxide
- - + - - -
Channel Region
+
+
Vertical electric path
leading to leakage
Gate Oxide
Floating Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65