| 전자부품 데이터시트 검색엔진 |
|
AN2014 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2014 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 65 page ![]() Conclusions AN2014 60/65 DocID10701 Rev 10 8 Conclusions Electrically Erasable and PROgrammable Memory (EEPROM) devices are standard products, used for the non-volatile storage of parameters, with fine-granularity data. There is no single memory technology (SRAM, DRAM, EEPROM, Flash Memory, EPROM, ROM) that meets all application needs perfectly. In the case of an EEPROM, an application designer needs to know the particular strengths and weaknesses of the device technology and device architecture in order to define an optimal control of parameters for his application. In doing so, the application will remain within the specification, with the best performances and reliability level. |