| 전자부품 데이터시트 검색엔진 |
|
AN2014 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2014 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 65 page ![]() DocID10701 Rev 10 6/65 AN2014 List of figures 6 List of figures Figure 1. Structure of an EEPROM floating gate transistor, and circuit symbol. . . . . . . . . . . . . . . . . . 7 Figure 2. MOSFET-like operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 3. Floating gate reservoir full of electrons (Erased state) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 4. Floating gate reservoir empty of electrons (Written state) . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 5. Using the voltage on the Control Gate to determine the charge on the floating gate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 6. During erase, electrons go through the tunnel oxide into the floating gate. . . . . . . . . . . . . 10 Figure 7. During write, electrons go through the tunnel oxide out of the floating gate . . . . . . . . . . . . 10 Figure 8. VPP signal applied to EEPROM cells (HiV is the output of the charge pump) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Figure 9. Accumulation of negative or positive charges in the tunnel oxide . . . . . . . . . . . . . . . . . . . 12 Figure 10. Architecture of the memory array (showing the grouping in bytes). . . . . . . . . . . . . . . . . . . 13 Figure 11. Decoding block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Figure 12. Latchup mechanism and protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 13. Latchup test conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 14. Power-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 15. Local EEPROM supply filtering. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 16. Chip Enable inputs E0, E1, E2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 17. Serial Data input/output SDA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 18. SDA bus conflict with push-pull buffers (NOT RECOMMENDED) . . . . . . . . . . . . . . . . . . . 25 Figure 19. Serial clock input SCL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Figure 20. Write control input (WC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 21. Recommended I²C connections – safe design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Figure 22. Recommended I²C connections – robust design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Figure 23. Chip Select, Clock, Data, Hold input pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 Figure 24. Write Protect input W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Figure 25. Output pin tri-state buffer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Figure 26. Recommended SPI connections - safe design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Figure 27. Recommended SPI connections - robust design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Figure 28. Chip Select, Clock, Data input pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 Figure 29. Organization input ORG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 Figure 30. Recommended MICROWIRE connections - safe design . . . . . . . . . . . . . . . . . . . . . . . . . . 35 Figure 31. Recommended MICROWIRE connections - robust design . . . . . . . . . . . . . . . . . . . . . . . . 35 Figure 32. PCB decoupling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 Figure 33. I2C data polling algorithm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 Figure 34. SPI data polling algorithm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 Figure 35. MICROWIRE data polling algorithm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 Figure 36. .Recommended use of the WC pin in I²C products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42 Figure 37. Recommended use of the W pin in SPI products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42 Figure 38. Example of how to duplicate data safely . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 Figure 39. Write cycling versus temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46 Figure 40. I2C bus enters the high impedance state (Master reset) . . . . . . . . . . . . . . . . . . . . . . . . . . 50 Figure 41. SPI bus enters the high impedance state (Master reset) . . . . . . . . . . . . . . . . . . . . . . . . . . 51 Figure 42. MICROWIRE bus enters the high impedance state (Master reset) . . . . . . . . . . . . . . . . . . 52 Figure 43. EEPROM power backup capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 Figure 44. Emergency sequence I2C products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 Figure 45. Emergency sequence SPI products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 Figure 46. Emergency sequence MICROWIRE products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 |