전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 45 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 45 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 41Page - Richtek Technology Corporation RT3606BC Datasheet HTML 42Page - Richtek Technology Corporation RT3606BC Datasheet HTML 43Page - Richtek Technology Corporation RT3606BC Datasheet HTML 44Page - Richtek Technology Corporation RT3606BC Datasheet HTML 45Page - Richtek Technology Corporation RT3606BC Datasheet HTML 46Page - Richtek Technology Corporation RT3606BC Datasheet HTML 47Page - Richtek Technology Corporation RT3606BC Datasheet HTML 48Page - Richtek Technology Corporation RT3606BC Datasheet HTML 49Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
45
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ramp Compensation
The G-NAVPTM topology is one type of ripple based control
that has fast transient response and can lower BOM cost.
However, ripple based control usually has poor noise
immunity. RT3606BC provides the ramp compensation to
increase noise immunity and reduce jitter at the switching
node. Figure 21 shows the ramp compensation.
Noise Margin
VCOMP
Noise Margin
IMON-VREF
w/o ramp compensation
w/ ramp compensation
IMON-VREF
VCOMP
Figure 21. Ramp Compensation
For the RT3606BC, the ramp compensation also needs
to be considered during mode transition from PS0/1 to
PS2. For achieving smooth mode transition into PS2, a
proper ramp compensation design is necessary. Since
the ramp compensation needs to be proportional to the
on-time, then RAMP is set as
Quick Response (QR) Mechanism
When the transient load step-up becomes quite large, it
is difficult for loop response to meet the energy transfer.
Hence, that output voltage generate undershoot to fail
specification. The RT3606BC has Quick Response (QR)
mechanism being able to improve this issue. It adopts a
nonlinear control mechanism which can disable
interleaving function and simultaneously turn on all UGATE
one pulse at instantaneous step-up transient load to
restrain the output voltage drooping, Figure 22 shows the
QR behavior.
QR Threshold
QR Width
PWM1
PWM2
PWM3
VCORE
Load
Figure 22. Quick Response Mechanism
The output voltage signal behavior needs to be detected
so that QR mechanism can be trigged. The output voltage
signal is via a remote sense line to connect at VSEN pin
that is shown in Figure 23. The QR mechanism needs to
set QR width and QR threshold. Both definitions are shown
in Figure 22.Aproper QR mechanism set can meet different
applications. SET2 can set QR threshold and QR width
by internal current source 80
μA with multi-function pin
setting mechanism.
Figure 23. Simplified QR Trigger Schematic
For example, QR threshold 20mV/10mV at PS0/PS1 and
2.22 x TON QR width are set. According to the Table 8,
the set voltage should be between 0.4505V and 0.4723V.
Please note that a high accuracy resistor is needed for
this setting accuracy, < 1% error tolerance is
recommended. In the Table 8, there are some “NA” marks
in QRWIDTH section. It means that users should not use
it to avoid the possibility of shift digital code due to
tolerance concern.
S
F
133%
400k
VSEN
QR Pulse
Generation
Circuit
CMP
+
-
QR_width
QR_TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com