전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 14 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 14 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 10Page - Richtek Technology Corporation RT3606BC Datasheet HTML 11Page - Richtek Technology Corporation RT3606BC Datasheet HTML 12Page - Richtek Technology Corporation RT3606BC Datasheet HTML 13Page - Richtek Technology Corporation RT3606BC Datasheet HTML 14Page - Richtek Technology Corporation RT3606BC Datasheet HTML 15Page - Richtek Technology Corporation RT3606BC Datasheet HTML 16Page - Richtek Technology Corporation RT3606BC Datasheet HTML 17Page - Richtek Technology Corporation RT3606BC Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
14
RT3606BC
www.richtek.com
DS3606BC-04 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC -------------------------------------------------------------------------------- 4.5V to 5.5V
Junction Temperature Range -----------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -----------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
VCC to GND -------------------------------------------------------------------------------------------
−0.3V to 6.5V
PVCC to GND -----------------------------------------------------------------------------------------
−0.3V to 15V
RGND to GND -----------------------------------------------------------------------------------------
−0.3V to 0.3V
TONSET to GND --------------------------------------------------------------------------------------
−0.3V to 28
BOOTx to PHASEx ----------------------------------------------------------------------------------
−0.3V to 15V
PHASEx to GND
DC--------------------------------------------------------------------------------------------------------
−0.3V to 30V
<20ns ---------------------------------------------------------------------------------------------------
−10V to 35V
LGATEx to GND
DC--------------------------------------------------------------------------------------------------------
−0.3V to (VCC + 0.3V)
<20ns ---------------------------------------------------------------------------------------------------
−2V to (VCC + 0.3V)
UGATEx to GND
DC-------------------------------------------------------------------------------------------------------- (VPHASE
− 0.3V) to (VBOOT + 0.3V)
<20ns --------------------------------------------------------------------------------------------------- (VPHASE
− 2V) to (VBOOT + 0.3V)
Other Pins----------------------------------------------------------------------------------------------
−0.3V to (VCC + 0.3V)
Power Dissipation, PD @ TA = 25
°C
WQFN-60L 7x7 --------------------------------------------------------------------------------------- 3.92W
Package Thermal Resistance (Note 2)
WQFN-60L 7x7,
θJA ---------------------------------------------------------------------------------- 25.5°C/W
WQFN-60L 7x7,
θJC --------------------------------------------------------------------------------- 6.5°C/W
Junction Temperature -------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------- 260
°C
Storage Temperature Range -----------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------- 2kV
MM (Machine Mode) --------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com