전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 63 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 63 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 59Page - Richtek Technology Corporation RT3606BC Datasheet HTML 60Page - Richtek Technology Corporation RT3606BC Datasheet HTML 61Page - Richtek Technology Corporation RT3606BC Datasheet HTML 62Page - Richtek Technology Corporation RT3606BC Datasheet HTML 63Page - Richtek Technology Corporation RT3606BC Datasheet HTML 64Page - Richtek Technology Corporation RT3606BC Datasheet HTML 65Page - Richtek Technology Corporation RT3606BC Datasheet HTML 66Page - Richtek Technology Corporation RT3606BC Datasheet HTML 67Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
63
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SETA2
R2
V
= 3.2V x
R1+R2
DVID_Width
RSET
%410k RTON
Min
Typical
Max
Unit
Low FSW
Ramp
High FSW
Ramp
800.782
811.730
822.678
mV
30
s
100%
133%
825.806
836.755
847.703
mV
117%
167%
850.831
861.779
872.727
mV
133%
200%
875.855
886.804
897.752
mV
150%
233%
900.880
911.828
922.776
mV
167%
267%
925.904
936.852
947.801
mV
183%
300%
950.929
961.877
972.825
mV
200%
333%
975.953
986.901
997.849
mV
217%
367%
1000.978
1011.926
1022.874
mV
36
s
100%
133%
1026.002
1036.950
1047.898
mV
117%
167%
1051.026
1061.975
1072.923
mV
133%
200%
1076.051
1086.999
1097.947
mV
150%
233%
1101.075
1112.023
1122.972
mV
167%
267%
1126.100
1137.048
1147.996
mV
183%
300%
1151.124
1162.072
1173.021
mV
200%
333%
1176.149
1187.097
1198.045
mV
217%
367%
1201.173
1212.121
1223.069
mV
42
s
100%
133%
1226.197
1237.146
1248.094
mV
117%
167%
1251.222
1262.170
1273.118
mV
133%
200%
1276.246
1287.195
1298.143
mV
150%
233%
1301.271
1312.219
1323.167
mV
167%
267%
1326.295
1337.243
1348.192
mV
183%
300%
1351.320
1362.268
1373.216
mV
200%
333%
1376.344
1387.292
1398.240
mV
217%
367%
1401.369
1412.317
1423.265
mV
48
s
100%
133%
1426.393
1437.341
1448.289
mV
117%
167%
1451.417
1462.366
1473.314
mV
133%
200%
1476.442
1487.390
1498.338
mV
150%
233%
1501.466
1512.414
1523.363
mV
167%
267%
1526.491
1537.439
1548.387
mV
183%
300%
1551.515
1562.463
1573.412
mV
200%
333%
1576.540
1587.488
1598.436
mV
217%
367%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com