전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 10 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 10 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 6Page - Richtek Technology Corporation RT3606BC Datasheet HTML 7Page - Richtek Technology Corporation RT3606BC Datasheet HTML 8Page - Richtek Technology Corporation RT3606BC Datasheet HTML 9Page - Richtek Technology Corporation RT3606BC Datasheet HTML 10Page - Richtek Technology Corporation RT3606BC Datasheet HTML 11Page - Richtek Technology Corporation RT3606BC Datasheet HTML 12Page - Richtek Technology Corporation RT3606BC Datasheet HTML 13Page - Richtek Technology Corporation RT3606BC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
10
RT3606BC
www.richtek.com
DS3606BC-04 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
HEX
Voltage (V)
0
1
1
0
1
1
1
1
6F
0.8
0
1
1
1
0
0
0
0
70
0.805
0
1
1
1
0
0
0
1
71
0.81
0
1
1
1
0
0
1
0
72
0.815
0
1
1
1
0
0
1
1
73
0.82
0
1
1
1
0
1
0
0
74
0.825
0
1
1
1
0
1
0
1
75
0.83
0
1
1
1
0
1
1
0
76
0.835
0
1
1
1
0
1
1
1
77
0.84
0
1
1
1
1
0
0
0
78
0.845
0
1
1
1
1
0
0
1
79
0.85
0
1
1
1
1
0
1
0
7A
0.855
0
1
1
1
1
0
1
1
7B
0.86
0
1
1
1
1
1
0
0
7C
0.865
0
1
1
1
1
1
0
1
7D
0.87
0
1
1
1
1
1
1
0
7E
0.875
0
1
1
1
1
1
1
1
7F
0.88
1
0
0
0
0
0
0
0
80
0.885
1
0
0
0
0
0
0
1
81
0.89
1
0
0
0
0
0
1
0
82
0.895
1
0
0
0
0
0
1
1
83
0.9
1
0
0
0
0
1
0
0
84
0.905
1
0
0
0
0
1
0
1
85
0.91
1
0
0
0
0
1
1
0
86
0.915
1
0
0
0
0
1
1
1
87
0.92
1
0
0
0
1
0
0
0
88
0.925
1
0
0
0
1
0
0
1
89
0.93
1
0
0
0
1
0
1
0
8A
0.935
1
0
0
0
1
0
1
1
8B
0.94
1
0
0
0
1
1
0
0
8C
0.945
1
0
0
0
1
1
0
1
8D
0.95
1
0
0
0
1
1
1
0
8E
0.955
1
0
0
0
1
1
1
1
8F
0.96
1
0
0
1
0
0
0
0
90
0.965
1
0
0
1
0
0
0
1
91
0.97
1
0
0
1
0
0
1
0
92
0.975
1
0
0
1
0
0
1
1
93
0.98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com