전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 28 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 28 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 24Page - Richtek Technology Corporation RT3606BC Datasheet HTML 25Page - Richtek Technology Corporation RT3606BC Datasheet HTML 26Page - Richtek Technology Corporation RT3606BC Datasheet HTML 27Page - Richtek Technology Corporation RT3606BC Datasheet HTML 28Page - Richtek Technology Corporation RT3606BC Datasheet HTML 29Page - Richtek Technology Corporation RT3606BC Datasheet HTML 30Page - Richtek Technology Corporation RT3606BC Datasheet HTML 31Page - Richtek Technology Corporation RT3606BC Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
28
RT3606BC
www.richtek.com
DS3606BC-04 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SET3
R2
V
=
x 3.2V
R1+R2
VR Address Zero Load Line ANTI_OVS
AHTI_OVS
Behavior
AI
GAIN
Min
Typical
Max
Unit
400.391 411.339 422.287
mV
CORE : 00
AXG : 02
CORE : With LL
AXG : With LL
Disable
High-Low-Floating
1X
425.415 436.364 447.312
mV
2X
450.440 461.388 472.336
mV
High-Floating
1X
475.464 486.413 497.361
mV
2X
500.489 511.437 522.385
mV
Enable
High-Low-Floating
1X
525.513 536.461 547.410
mV
2X
550.538 561.486 572.434
mV
High-Floating
1X
575.562 586.510 597.458
mV
2X
600.587 611.535 622.483
mV
CORE : With LL
AXG : W/O LL
Disable
High-Low-Floating
1X
625.611 636.559 647.507
mV
2X
650.635 661.584 672.532
mV
High-Floating
1X
675.660 686.608 697.556
mV
2X
700.684 711.632 722.581
mV
Enable
High-Low-Floating
1X
725.709 736.657 747.605
mV
2X
750.733 761.681 772.630
mV
High-Floating
1X
775.758 786.706 797.654
mV
2X
800.782 811.730 822.678
mV
CORE : 01
AXG : 00
CORE : With LL
AXG : With LL
Disable
High-Low-Floating
1X
825.806 836.755 847.703
mV
2X
850.831 861.779 872.727
mV
High-Floating
1X
875.855 886.804 897.752
mV
2X
900.880 911.828 922.776
mV
Enable
High-Low-Floating
1X
925.904 936.852 947.801
mV
2X
950.929 961.877 972.825
mV
High-Floating
1X
975.953 986.901 997.849
mV
2X
1000.978 1011.926 1022.874
mV
CORE : W/O LL
AXG : With LL
Disable
High-Low-Floating
1X
1026.002 1036.950 1047.898
mV
2X
1051.026 1061.975 1072.923
mV
High-Floating
1X
1076.051 1086.999 1097.947
mV
2X
1101.075 1112.023 1122.972
mV
Enable
High-Low-Floating
1X
1126.100 1137.048 1147.996
mV
2X
1151.124 1162.072 1173.021
mV
High-Floating
1X
1176.149 1187.097 1198.045
mV
2X
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com