전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 64 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 64 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 60Page - Richtek Technology Corporation RT3606BC Datasheet HTML 61Page - Richtek Technology Corporation RT3606BC Datasheet HTML 62Page - Richtek Technology Corporation RT3606BC Datasheet HTML 63Page - Richtek Technology Corporation RT3606BC Datasheet HTML 64Page - Richtek Technology Corporation RT3606BC Datasheet HTML 65Page - Richtek Technology Corporation RT3606BC Datasheet HTML 66Page - Richtek Technology Corporation RT3606BC Datasheet HTML 67Page - Richtek Technology Corporation RT3606BC Datasheet HTML 68Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
64
RT3606BC
www.richtek.com
DS3606BC-04 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ramp Compensation
G-NAVPTM topology is one type of ripple based control
that has fast transient response and can lower BOM cost.
However, ripple based control usually has poor noise
immunity. The RT3606BC provides the ramp compensation
in AXG VR to increase noise immunity and reduce jitter at
the switching node. Figure 33 shows the ramp
compensation.
Noise Margin
VCOMPA
Noise Margin
IMONA-VREF
w/o ramp compensation
w/ ramp compensation
IMONA-VREF
VCOMPA
Figure 33. Ramp Compensation
For the RT3606BC, the ramp compensation also needs
to be considered during mode transition from PS0/1 to
PS2. For achieving smooth mode transition into PS2, a
proper ramp compensation design is necessary. Since
the ramp compensation needs to be proportional to the
on-time, then RAMP is set as
Quick Response (QR) Mechanism
As presented in QR mechanism section of CORE VR,
RT3606BC also supports QR function in AXG VR. The
output voltage signal behavior needs to be detected so
that QR mechanism can be trigged. The output voltage
signal is via a remote sense line to connect at VSENA
pin that is shown in Figure 34. The QR mechanism needs
to set QR width and QR threshold. Both definitions are
shown in Figure 22. A proper QR mechanism set can meet
different applications. SETA2 can set QR threshold and
QR width by internal current source 80
μA with multi-
function pin setting mechanism.
Figure 34. Simplified QR Trigger Schematic
For example, QR threshold 20mV/10mV at PS0/PS1 and
2.22 x TON QR width are set. According to the Table 12,
the set voltage should be between 0.4504V and 0.4723V.
Please note that a high accuracy resistor is needed for
this setting accuracy, < 1% error tolerance is
recommended. In the Table 12, there are some
“NA”marks in QRWIDTH section. It means that user
should not use it to avoid the possibility of shift digital
code due to tolerance concern.
S
F
133%
400k
VSENA
QR Pulse
Generation
Circuit
CMP
+
-
QR_width
QR_TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com