전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 1 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 1 Page - Richtek Technology Corporation

  RT3606BC Datasheet HTML 1Page - Richtek Technology Corporation RT3606BC Datasheet HTML 2Page - Richtek Technology Corporation RT3606BC Datasheet HTML 3Page - Richtek Technology Corporation RT3606BC Datasheet HTML 4Page - Richtek Technology Corporation RT3606BC Datasheet HTML 5Page - Richtek Technology Corporation RT3606BC Datasheet HTML 6Page - Richtek Technology Corporation RT3606BC Datasheet HTML 7Page - Richtek Technology Corporation RT3606BC Datasheet HTML 8Page - Richtek Technology Corporation RT3606BC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
RT3606BC
®
DS3606BC-04 June 2016
www.richtek.com
1
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
Dual Channel PWM Controller with Integrated Driver for IMVP8
CPU Core Power Supply
General Description
The RT3606BC is an IMVP8 compliant CPU power
controller which includes two voltage rails : a 3/2/1 phase
synchronous Buck controller, the CORE VR and a 2/1
phase synchronous Buck controller, the AXG VR. The
RT3606BC adopts G-NAVPTM (Green Native AVP) which
is Richtek's proprietary topology derived from finite DC
gain of EA amplifier with current mode control, making it
easy to set the droop to meet all Intel CPU requirements
of AVP (Adaptive Voltage Positioning). Based on the G-
NAVPTM topology, the RT3606BC also features a quick
response mechanism for optimized AVP performance
during load transient. The RT3606BC supports mode
transition function with various operating states. A serial
VID (SVID) interface is built in the RT3606BC to
communicate with Intel IMVP8 compliant CPU. The
RT3606BC supports VID on-the-fly function with three
different slew rates : Fast, Slow and Decay. By utilizing
the G-NAVPTM topology, the operating frequency of the
RT3606BC varies with VID, load and input voltage to further
enhance the efficiency even in CCM. Moreover, the G-
NAVPTM with CCRCOT (Constant Current Ripple COT)
technology provides superior output voltage ripple over
the entire input/output range. The built-in high accuracy
DAC converts the SVID code ranging from 0.25V to 1.52V
with 5mV per step. The RT3606BC integrates a high
accuracy ADC for platform setting functions, such as quick
response trigger level or over-current level. Besides, the
setting function also supports this two rails address
exchange. The RT3606BC provides VR ready output
signals. It also features complete fault protection functions
including over-voltage (OV), negative voltage (NV), over-
current (OC) and under-voltage lockout (UVLO). The
RT3606BC is available in the WQFN-60L 7x7 small foot
print package.
Features
Intel IMVP8 Serial VID Interface Compatible Power
Management States
3/2/1 Phase (CORE VR) + 2/1 Phase (AXG VR) PWM
Controller
2 Embedded MOSFET Drivers at the CORE VR, 1
Embedded MOSFET Driver at the AXG VR
G-NAVP
TM
(Green Native Adaptive Voltage
Positioning) Topology
0.5% DAC Accuracy
Differential Remote Voltage Sensing
Built-in ADC for Platform Programming
Accurate Current Balance
System Thermal Compensated AVP
Diode Emulation Mode at Light Load Condition for
Single Phase Operation
Fast Transient Response
VR Ready Indicator
Thermal Throttling
Current Monitor Output
OVP, OCP, NVP, UVLO
Slew Rate Setting/Address Flip Function
Rail Address Flexibility
DVID Enhancement
Applications
IMVP8 Intel Core Supply
Notebook/ Desktop Computer/ Servers Multi-phase CPU
Core Supply
AVP Step-Down Converter
RT3606BC
VAXG
PWMA2
Driver
MOSFET
VCORE
PHASE1
PHASE2
MOSFET
MOSFET
PWM3
Driver
MOSFET
PHASEA1
MOSFET
PGOOD
VCLK
VDIO
VR_HOT
ALERT
To PCH
To CPU


유사한 부품 번호 - RT3606BC

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT3606BEGQW RICHTEK-RT3606BEGQW Datasheet
983Kb / 70P
Dual Channel PWM Controller
More results

유사한 설명 - RT3606BC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
logo
Microsemi Corporation
LX1752 MICROSEMI-LX1752 Datasheet
658Kb / 28P
Dual Interleaving PWM Controller
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
Dual PWM CCFL Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001_06 Datasheet
182Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Richtek Technology Corp...
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com