전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 7 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 7 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 3Page - Richtek Technology Corporation RT3606BC Datasheet HTML 4Page - Richtek Technology Corporation RT3606BC Datasheet HTML 5Page - Richtek Technology Corporation RT3606BC Datasheet HTML 6Page - Richtek Technology Corporation RT3606BC Datasheet HTML 7Page - Richtek Technology Corporation RT3606BC Datasheet HTML 8Page - Richtek Technology Corporation RT3606BC Datasheet HTML 9Page - Richtek Technology Corporation RT3606BC Datasheet HTML 10Page - Richtek Technology Corporation RT3606BC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
7
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 1. IMVP8 VID Code Table
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
HEX
Voltage (V)
0
0
0
0
0
0
0
1
01
0.25
0
0
0
0
0
0
1
0
02
0.255
0
0
0
0
0
0
1
1
03
0.26
0
0
0
0
0
1
0
0
04
0.265
0
0
0
0
0
1
0
1
05
0.27
0
0
0
0
0
1
1
0
06
0.275
0
0
0
0
0
1
1
1
07
0.28
0
0
0
0
1
0
0
0
08
0.285
0
0
0
0
1
0
0
1
09
0.29
0
0
0
0
1
0
1
0
0A
0.295
0
0
0
0
1
0
1
1
0B
0.3
0
0
0
0
1
1
0
0
0C
0.305
0
0
0
0
1
1
0
1
0D
0.31
0
0
0
0
1
1
1
0
0E
0.315
0
0
0
0
1
1
1
1
0F
0.32
0
0
0
1
0
0
0
0
10
0.325
0
0
0
1
0
0
0
1
11
0.33
0
0
0
1
0
0
1
0
12
0.335
0
0
0
1
0
0
1
1
13
0.34
0
0
0
1
0
1
0
0
14
0.345
0
0
0
1
0
1
0
1
15
0.35
0
0
0
1
0
1
1
0
16
0.355
0
0
0
1
0
1
1
1
17
0.36
0
0
0
1
1
0
0
0
18
0.365
0
0
0
1
1
0
0
1
19
0.37
0
0
0
1
1
0
1
0
1A
0.375
0
0
0
1
1
0
1
1
1B
0.38
0
0
0
1
1
1
0
0
1C
0.385
0
0
0
1
1
1
0
1
1D
0.39
0
0
0
1
1
1
1
0
1E
0.395
0
0
0
1
1
1
1
1
1F
0.4
0
0
1
0
0
0
0
0
20
0.405
0
0
1
0
0
0
0
1
21
0.41
0
0
1
0
0
0
1
0
22
0.415
0
0
1
0
0
0
1
1
23
0.42
0
0
1
0
0
1
0
0
24
0.425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com