전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3606BC 데이터시트(PDF) 11 Page - Richtek Technology Corporation

부품명 RT3606BC
상세설명  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC 데이터시트(HTML) 11 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 7Page - Richtek Technology Corporation RT3606BC Datasheet HTML 8Page - Richtek Technology Corporation RT3606BC Datasheet HTML 9Page - Richtek Technology Corporation RT3606BC Datasheet HTML 10Page - Richtek Technology Corporation RT3606BC Datasheet HTML 11Page - Richtek Technology Corporation RT3606BC Datasheet HTML 12Page - Richtek Technology Corporation RT3606BC Datasheet HTML 13Page - Richtek Technology Corporation RT3606BC Datasheet HTML 14Page - Richtek Technology Corporation RT3606BC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
11
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
HEX
Voltage (V)
1
0
0
1
0
1
0
0
94
0.985
1
0
0
1
0
1
0
1
95
0.99
1
0
0
1
0
1
1
0
96
0.995
1
0
0
1
0
1
1
1
97
1
1
0
0
1
1
0
0
0
98
1.005
1
0
0
1
1
0
0
1
99
1.01
1
0
0
1
1
0
1
0
9A
1.015
1
0
0
1
1
0
1
1
9B
1.02
1
0
0
1
1
1
0
0
9C
1.025
1
0
0
1
1
1
0
1
9D
1.03
1
0
0
1
1
1
1
0
9E
1.035
1
0
0
1
1
1
1
1
9F
1.04
1
0
1
0
0
0
0
0
A0
1.045
1
0
1
0
0
0
0
1
A1
1.05
1
0
1
0
0
0
1
0
A2
1.055
1
0
1
0
0
0
1
1
A3
1.06
1
0
1
0
0
1
0
0
A4
1.065
1
0
1
0
0
1
0
1
A5
1.07
1
0
1
0
0
1
1
0
A6
1.075
1
0
1
0
0
1
1
1
A7
1.08
1
0
1
0
1
0
0
0
A8
1.085
1
0
1
0
1
0
0
1
A9
1.09
1
0
1
0
1
0
1
0
AA
1.095
1
0
1
0
1
0
1
1
AB
1.1
1
0
1
0
1
1
0
0
AC
1.105
1
0
1
0
1
1
0
1
AD
1.11
1
0
1
0
1
1
1
0
AE
1.115
1
0
1
0
1
1
1
1
AF
1.12
1
0
1
1
0
0
0
0
B0
1.125
1
0
1
1
0
0
0
1
B1
1.13
1
0
1
1
0
0
1
0
B2
1.135
1
0
1
1
0
0
1
1
B3
1.14
1
0
1
1
0
1
0
0
B4
1.145
1
0
1
1
0
1
0
1
B5
1.15
1
0
1
1
0
1
1
0
B6
1.155
1
0
1
1
0
1
1
1
B7
1.16
1
0
1
1
1
0
0
0
B8
1.165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com