전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 36 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 36 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 32Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 33Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 34Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 35Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 36Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 37Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 38Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 39Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 36 of 70
MB90540G/545G Series
(Continued)
*1 : The interrupt request flag is cleared by the EI2OS interrupt clear signal.
*2 : The interrupt request flag is cleared by the EI2OS interrupt clear signal. A stop request is available.
Notes :
 N/A : The interrupt request flag is not cleared by the EI2OS interrupt clear signal.
 For a peripheral module with two interrupt causes for a single interrupt number, both interrupt request flags are cleared by the
EI2OS interrupt clear signal.
 At the end of EI2OS, the EI2OS clear signal will be asserted for all the interrupt flags assigned to the same interrupt number. If
one interrupt flag starts the EI2OS and in the meantime another interrupt flag is set by a hardware event, the later event is lost
because the flag is cleared by the EI2OS clear signal caused by the first event. So it is recommended not to use the EI2OS for
this interrupt number.
 If EI2OS is enabled, EI2OS is initiated when one of the two interrupt signals in the same interrupt control register (ICR) is
asserted. This means that different interrupt sources share the same EI2OS Descriptor which should be unique for each interrupt
source. For this reason, when one interrupt source uses the EI2OS, the other interrupt should be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com