전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 62 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 62 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 58Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 59Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 60Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 61Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 62Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 63Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 64Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 65Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 62 of 70
MB90540G/545G Series
 Power supply current (MB90549G)
40
35
30
25
20
15
10
5
0
27
6
5
4
3
Vcc [V]
Icc – Vcc
fcp = 12 MHz
fcp = 16 MHz
fcp = 10 MHz
fcp = 8 MHz
fcp = 4 MHz
fcp = 2 MHz
12
10
8
6
4
2
0
27
6
5
4
3
Vcc [V]
Iccs – Vcc
fcp = 12 MHz
fcp = 16 MHz
fcp = 10 MHz
fcp = 8 MHz
fcp = 4 MHz
fcp = 2 MHz
600
500
400
300
200
100
0
27
6
5
4
3
Vcc [V]
ICTS – VCC
fcp = 2 MHz
60
50
40
30
20
10
0
27
6
5
4
3
Vcc [V]
ICCL – VCC
fcp = 8 kHz
70
80
90
100
(Ta = +25˚C)
(Ta = +25˚C)
(Ta = +25˚C)
(Ta = +25˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com