전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 20 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 20 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 16Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 17Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 18Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 19Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 20Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 21Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 22Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 23Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 20 of 70
MB90540G/545G Series
(13) Initialization
In the device, there are internal registers which are initialized only by a power-on reset. To initialize these registers, please turn on
the power again.
(14) Directions of “DIV A, Ri” and “DIVW A, RWi” instructions
In the Signed multiplication and division instructions (“DIV A, Ri” and “DIVW A, RWi”) , the value of the corresponding bank register
(DTB, ADB, USB, SSB) is set in “00H”.
If the values of the corresponding bank registers (DTB, ADB, USB, SSB) are set to other than “00H”, the remainder by the execution
result of the instruction is not stored in the register of the instruction operand.
(15) Using REALOS
The use of EI2OS is not possible with the REALOS real time operating system.
(16) Caution on Operations during PLL Clock Mode
If the PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even when there is no
external oscillator or external clock input is stopped. Performance of this operation, however, cannot be guaranteed.
Oscillation setting time*2
Power-on reset*1
VCC (Power-supply pin)
PONR (power-on reset) signal
RST (external asynchronous reset) signal
RST (internal reset) signal
Oscillation clock signal
KA (internal operation clock A) signal
KB (internal operation clock B) signal
PORT (port output) signal
High-impedance
*1 : Power-on reset time : “Period of clock frequency”
217 (Clock frequency of 16 MHz : 8.19 ms)
*2 : Oscillation setting time : “Period of clock frequency”
218 (Clock frequency of 16 MHz : 16.38 ms)
 RST pin is “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com