전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 22 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 22 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 18Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 19Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 20Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 21Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 22Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 23Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 24Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 25Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 22 of 70
MB90540G/545G Series
7. Memory Map
The memory space of the MB90540G/545G Series is shown below.
Note : The high-order portion of bank 00 gives the image of the FF bank ROM to make the small model of the C compiler effective.
Since the low-order 16 bits address are the same, the table in ROM can be referenced without using the “far” specification in
the pointer declaration.
For example, an attempt to access 00C000H accesses the value at FFC000H in ROM.The ROM area in bank FF exceeds 48
Kbytes, and its entire image cannot be shown in bank 00.The image between FF4000H and FFFFFFH is visible in bank 00,
while the image between FF0000H and FF3FFFH is visible only in bank FF.
MB90V540G/
F546G (S)
FFFFFFH
FEFFFFH
FF0000H
FDFFFFH
FE0000H
FCFFFFH
FD0000H
00FFFFH
004000H
003FFFH
003900H
0020FFH
001FF5H
001FF0H
000100H
0000BFH
000000H
FC0000H
ROM
(FF bank)
ROM
(FE bank)
ROM
(FD bank)
ROM
(FC bank)
External
ROM
(Image of
FF bank)
Peripheral
External
RAM 8 K
External
Peripheral
ROM correction
MB90543G(S)
F543G(S)
FFFFFFH
FEFFFFH
FF0000H
FE0000H
00FFFFH
004000H
003FFFH
003900H
002000H
0018FFH
000100H
0000BFH
000000H
ROM
(FF bank)
ROM
(FE bank)
External
ROM
(Image of
FF bank)
Peripheral
External
RAM 6 K
External
Peripheral
MB90548G(S)
MB90F548GL(S)
MB90F548G (S)
FFFFFFH
FEFFFFH
FF0000H
FE0000H
00FFFFH
004000H
003FFFH
003900H
002000H
0010FFH
000100H
0000BFH
000000H
ROM
(FF bank)
ROM
(FE bank)
External
ROM
(Image of
FF bank)
Peripheral
External
RAM 4 K
External
Peripheral
MB90549G (S) /
F549G (S)
FDFFFFH
FCFFFFH
FD0000H
FC0000H
ROM
(FD bank)
ROM
(FC bank)
FFFFFFH
FEFFFFH
FF0000H
FE0000H
00FFFFH
004000H
003FFFH
003900H
002100H
0018FFH
000100H
0000BFH
000000H
ROM
(FF bank)
ROM
(FE bank)
External
ROM
(Image of
FF bank)
Peripheral
External
RAM 6 K
External
Peripheral
FFFFFFH
FF0000H
00FFFFH
004000H
003FFFH
003900H
002000H
0008FFH
000100H
0000BFH
ROM
(FF bank)
ROM
(Image of
FF bank)
Peripheral
External
RAM 2 K
External
Peripheral
MB90547G (S)
000000H
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com