전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 9 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 9 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 5Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 6Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 7Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 8Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 9Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 10Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 11Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 12Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 9 of 70
MB90540G/545G Series
3. Pin Description
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP*2
QFP*1
80
81
82
83
X0
X1
A
(Oscillation)
High speed crystal oscillator input pins
78
80
X0A
A
(Oscillation)
Low speed crystal oscillator input pins. For the one clock system parts,
perfom external pull-down processing.
77
79
X1A
Low speed crystal oscillator input pins. For the one clock system parts, leave
it open.
75
77
RST
B
External reset request input pin
50
52
HST
C
Hardware standby input pin
83 to 90
85 to 92
P00 to P07
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus. This function is
enabled when the external bus is enabled.
91 to 98
93 to 100
P10 to P17
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode.
AD08 to AD15
I/O pins for 8 higher bits of the external address/data bus. This function is
enabled when the external bus is enabled.
99 to 6
1 to 8
P20 to P27
I
General I/O port with programmable pullup. In external bus mode, this
function is valid when the corresponding bits in the external address output
control resister (HACR) are set to “1”.
A16 to A23
8-bit I/O pins for A16 to A23 at the external address/data bus. In external bus
mode, this function is valid when the corresponding bits in the external
address output control resister (HACR) are set to “0”.
79
P30
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode.
ALE
Address latch enable output pin. This function is enabled when the external
bus is enabled.
810
P31
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode.
RD
Read strobe output pin for the data bus. This function is enabled when the
external bus is enabled.
10
12
P32
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode or when the WR/WRL pin output is disabled.
WRL
Write strobe output pin for the data bus. This function is enabled when both
the external bus and the WR/WRL pin output are enabled. WRL is write-
strobe output pin for the lower 8 bits of the data bus in 16-bit access. WR is
write-strobe output pin for the 8 bits of the data bus in 8-bit access.
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com