전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 48 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 48 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 44Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 45Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 46Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 47Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 48Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 49Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 50Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 51Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 48 of 70
MB90540G/545G Series
11.4.4 Power On Reset
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
* :
VCC must be kept lower than 0.2 V before power-on.
Notes :
The above values are used for creating a power-on reset.
Some registers in the device are initialized only upon a power-on reset. To initialize these register, turn on the power
supply using the above values.
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Power on rise time
tR
VCC
0.05
30
ms
*
Power off time
tOFF
VCC
50
ms
Waiting time until power-on
VCC
VCC
VSS
3.0 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
RAM data being held
It is recommended to keep the
rising speed of the supply voltage
at 50 mV/ms or slower.
Sudden changes in the power supply voltage may cause a power-on reset.
To change the power supply voltage while the device is in operation, it is recommended to
raise the voltage smoothly to suppress fluctuations as shown below.
In this case, change the supply voltage with the PLL clock not used. If the voltage drop is
1 V or fewer per second, however, you can use the PLL clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com