전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 57 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 57 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 53Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 54Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 55Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 56Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 57Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 58Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 59Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 60Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 57 of 70
MB90540G/545G Series
11.5 A/D Converter
11.5.1 Electrical Characteristics
(VCC
AV
CC
5.0 V10, V
SS
AV
SS
0.0 V, 3.0 V AVRH AVRL, T
A
  40 C to 105 C)
* : When not using an A/D converter, this is the current (VCC
AV
CC
AVRH 5.0 V) when the CPU is stopped.
Note: The functionality of the A/D converter is only guaranteed for VCC
5.0 V 10 (also for MB90543G(S)/547G(S)/548G(S)/
F548G(S)/F548GL(S)).
Parameter
Symbol
Pin name
Value
Units
Remarks
Min
Typ
Max
Resolution

10
bit
Conversion error

5.0
LSB
Nonlinearity error

2.5
LSB
Differential nonlinearity
error

1.9
LSB
Zero transition voltage
VOT
AN0 to AN7
AVRL
3.5
LSB
AVRL
0.5
LSB
AVRL
4.5
LSB
V
Full scale transition voltage
VFST
AN0 to AN7
AVRH
6.5
LSB
AVRH
1.5
LSB
AVRH
1.5
LSB
V
Compare time

352 tCP

ns
Internal
frequency :
16 MHz
Sampling time

64 tCP

ns
Internal
frequency :
16 MHz
Analog port input current
IAIN
AN0 to AN7
1
1
A
VCC
AV
CC
5.0 V
1
Analog input voltage range
VAIN
AN0 to AN7
AVRL
AVRH
V
Reference voltage range
AVRH
AVRL
2.7
AVCC
V
AVRL
0
AVRH
2.7 V
Power supply current
IA
AVCC
5
mA
IAH
AVCC

5
A*
Reference voltage supply current
IR
AVRH
400
600
A
Flash device
140
260
A
MASK ROM
IRH
AVRH

5
A*
Offset between input
channels
AN0 to AN7

4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com