전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 17 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 17 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 13Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 14Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 15Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 16Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 17Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 18Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 19Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 20Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 17 of 70
MB90540G/545G Series
5. Handling Devices
(1) Preventing latch-up
CMOS IC chips may suffer latch-up under the following conditions :
 A voltage higher than VCC or lower than VSS is applied to an input or output pin.
 A voltage higher than the rated voltage is applied between VCC and VSS.
 The AVcc power supply is applied before the VCC voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
For the same reason, care must also be taken in not allowing the analog power-supply voltage (AVCC, AVRH) to exceed the digital
power-supply voltage.
(2) Handling unused pins
Leaving unused input pins open may result in misbehavior or latch up and possible permanent damage of the device. Therefor they
must be pulled up or pulled down through resistors. In this case those resistors should be more than 2 k
.
Unused bi-directional pins should be set to the output state and can be left open, or the input state with the above described
connection.
(3) Using external clock
To use external clock, drive X0 pin only and leave X1 pin unconnected.
Below is a diagram of how to use external clock.
(4) Use of the sub-clock
Use one clock system parts when the sub-clock is not used. In that case, pull-down the pin X0A and leave the pin X1A open. When
using two clock system parts, a 32 kHz oscillator has to be connected to the X0A and X1A pins.
(5) Power supply pins (VCC/VSS)
In products with multiple VCC or VSS pins, the pins of a same potential are internally connected in the device to avoid abnormal
operations including latch-up. However you must connect the pins to an external power and a ground line to lower the electro-
magnetic emission level to prevent abnormal operation of strobe signals caused by the rise in the ground level, and to conform to the
total current rating.
Make sure to connect VCC and VSS pins via the lowest impedance to power lines.
It is recommended to provide a bypass capacitor of around 0.1
F between VCC and VSS pins near the device.
X0
X1
MB90540G/545G Series
Open
VCC
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
VSS
MB90540G/545G
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com