전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 46 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 46 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 42Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 43Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 44Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 45Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 46Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 47Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 48Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 49Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 46 of 70
MB90540G/545G Series
11.4.2 Clock Output Timing
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
 40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
 40 C to 105 C)
11.4.3 Reset and Hardware Standby Input Timing
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
 40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
 40 C to 105 C)
Note : “tcp” represents one cycle time of the machine clock.
Oscillation time of oscillator is time that amplitude reached the 90
. In the crystal oscillator, the oscillation time is between
several ms to tens of ms. In ceramic oscillator, the oscillation time is between handreds of
s to several ms. In the external
clock, the oscillation time is 0 ns.
Any reset can not fully initialize the Flash Memory if it is performing the automatic algorithm.
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Cycle time
tCYC
CLK
VCC
5 V 10
62.5
ns
CLK
  CLK
tCHCL
20
ns
Parameter
Symbol
Pin
name
Value
Units
Remarks
Min
Max
Reset input time
tRSTL
RST
4 tCP
ns
Under normal operation
Oscillation time of
oscillator
4 t
CP
ms
In stop mode
100
s
In pseudo timer mode (MB90543G
(S) /547G (S) /548G (S) )
4 tCP
ns
In pseudo timer mode
(Other than MB90543G (S) /547G
(S) /548G (S) )
2 tLCP
s
In sub-clock mode,
sub-sleep mode,
timer mode
Hardware standby input time
tHSTL
HST
4 tCP
ns
Under normal operation
CLK
tCYC
2.4 V
2.4 V
0.8 V
tCHCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com