전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 4 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 4 Page - Cypress Semiconductor

  MB90F548GSPF Datasheet HTML 1Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 2Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 3Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 4Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 5Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 6Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 7Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 8Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 4 of 70
MB90540G/545G Series
1. Product Lineup
(Continued)
Features
MB90F543G (S) /F548G (S)
MB90F549G (S) /F546G (S)
MB90F548GL(S)
MB90543G (S)
MB90547G (S)
MB90548G (S)
MB90549G (S)
MB90V540G
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
1, 2, 3, 4, 1/2 when PLL stop)
Minimum instruction exection time : 62.5 ns (machine clock 16MHz, 4MHz osc. four times multiplied by PLL)
ROM
Flash memory
MB90F543G(S)/F548G(S) / F548GL(S)
: 128 Kbytes
MB90F549G(S)/F546G(S) :
256 Kbytes
MASK ROM :
MB90547G(S): 64 Kbytes
MB90543G(S)/548G(S): 128
Kbytes
MB90549G(S): 256 Kbytes
External
RAM
MB90F548G(S)/F548GL(S):
4 Kbytes
MB90F543G (S) /F549G(S) :
6 Kbytes
MB90F546G(S) : 8 Kbytes
MB90547G(S): 2 Kbytes
MB90548G(S): 4 Kbytes
MB90543G(S)/549G(S):
6 Kbytes
8 Kbytes
Clocks
MB90F543G/F548G/F549G/F546G/
F548GL :
Two clocks system
MB90F543GS/F548GS/F549GS/
F546GS/F548GLS :
One clock system
MB90543G/547G/548G/549G :
Two clocks system
MB90543GS/547GS/548GS/
549GS :
One clock system
Two clocks system*1
Operating voltage range
*3
Temperature range
40 C to 105 C
Package
QFP100, LQFP100
PGA-256
Emulator-specify
power supply*2
None
UART0
Full duplex double buffer
Support asynchronous/synchronous (with start/stop bit) transfer
Baud rate : 4808/5208/9615/10417/19230/38460/62500/500000 bps (asynchronous)
500 K/1 M/2 Mbps (synchronous) at System clock
16 MHz
UART1
(SCI)
Full duplex double buffer
Asynchronous (start-stop synchronized) and CLK-synchronous communication
Baud rate : 1202/2404/4808/9615/19230/31250/38460/62500 bps (asynchronous)
62.5 K/125 K/250 K/500 K/1 M/2 Mbps (synchronous) at 6, 8, 10, 12, 16 MHz
Serial I/O
Transfer can be started from MSB or LSB
Supports internal clock synchronized transfer and external clock synchronized transfer
Supports positive-edge and nagative-edge clock synchronization
Baud rate : 31.25 K/62.5 K/125 K/500 K/1 Mbps at System clock
16 MHz
A/D Converter
10-bit or 8-bit resolution
8 input channels
Conversion time : 26.3
s (per one channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com