전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트(PDF) 39 Page - Cypress Semiconductor

부품명 MB90F548GSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPF 데이터시트(HTML) 39 Page - Cypress Semiconductor

Back Button MB90F548GSPF Datasheet HTML 35Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 36Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 37Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 38Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 39Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 40Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 41Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 42Page - Cypress Semiconductor MB90F548GSPF Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 39 of 70
MB90540G/545G Series
11.2 Recommended Conditions
(VSS
AV
SS
0.0 V)
*:
Use a ceramic capacitor or a capacitor of better 4. AC characteristics. The bypass capacitor should be greater than this
capacitor.
WARNING:
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device’s electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside these
ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Value
Units
Remarks
Min
Typ
Max
Power supply voltage
VCC, AVCC
4.5
5.0
5.5
V
Under normal operation : Other than
MB90F548GL(S)/543G(S)/547G(S)/548G(S)
Under normal operation when A/D conveter is
used :
MB90F548GL(S)/543G(S)/547G(S)/548G(S)
3.5
5.0
5.5
V
Under normal operation when A/D conveter is
not used :
MB90F548GL(S)/543G(S)/547G(S)/548G(S)
3.0
5.5
V
Maintain RAM data in stop mode
Smooth capacitor
CS
0.022
0.1
1.0
F*
Operating temperature
TA
40
105
C
C
CS
 C Pin Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com