| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 41 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 41 Page - WIZnet Co., Ltd |
|
41 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 41/149 0 : Disable 1 : Enable 1 RSTB TCP4 RST Packet Block When a SYN Packet is transmitted to the SOCKET which is not listening, the system transmits a RST packet. It can be a target of the TCP Port Scan attack. To prevent this, RST packet transmission can be blocked. 0 : Unblock 1 : Block 0 PB PINGv4 Reply Block Set to not transmit Reply for PINGv4 Request 0 : Unblock 1 : Block 4.1.27 NET6MR (Network IPv6 Mode Register) [R=W] [0x4004] [0x00] NET6MR sets special options related to IPv6. 7 6 5 4 3 2 1 0 - - - - UNRB PARP RSTB PB - - - - R=W R=W R=W R=W Bit Symbol Description [7:4] - Reserved 3 UNRB UDP6 Port Unreachable Packet Block When UDP6 packet is transmitted to the SOCKET that is not opened, destination port unreachable packet is transmitted. It can be a target of UDP port scan attack. To prevent this, unreachable packet transmission can be blocked. 0 : Unblock 1 : Block 2 PARP ARPv6 for PINGv6 Reply It sets to run ARP6(ND – Neighbor Discovery) process before PINGv6 Reply. 0 : Disable 1 : Enable |