| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 51 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 51 Page - WIZnet Co., Ltd |
|
51 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 51/149 VLTR0(0x41D8) VLTR1(0x41D9) VLTR2(0x41DA) VLTR3(0x41DB) 0x00 0x27 0x8D 0x00 4.1.56 PLTR (Preferred Life Time Register) [RO] [0x41DC-0x41DF] [0x0000_0000] PLTR is set to preferred life time field in prefix information option of RA (Router Advertisement) message received from a router (SLIR[RS] = 1 or SLIR[RA] = ‘1’). Ex) Preferred Life Time = 604800 PLTR0(0x41DC) PLTR1(0x41DD) PLTR2(0x41DE) PLTR3(0x41DF) 0x00 0x09 0x3A 0x80 4.1.57 PAR (Prefix Address Register) [RO] [0x41E0-0x41EF] [0x0000_0000_0000_0000_0000_0000_0000_0000] PAR is set to prefix address field in prefix information option of RA (Router Advertisement) message received from a router (SLIR[RS] = 1 or SLIR[RA] = ‘1’). Ex) Prefix is “2001:2b8:10:1::” PAR0(0x41E0) PAR1(0x41E1) PAR2(0x41E2) PAR3(0x41E3) 0x20 0x01 0x02 0xb8 PAR4(0x41E4) PAR5(0x41E5) PAR6(0x41E6) PAR7(0x41E7) 0x00 0x10 0x00 0x01 PAR8(0x41E8) PAR9(0x41E9) PAR10(0x41EA) PAR11(0x41EB) 0x00 0x00 0x00 0x00 PAR12(0x41EC) PAR13(0x41ED) PAR14(0x41EE) PAR15(0x41EF) 0x00 0x00 0x00 0x00 4.1.58 ICMP6BLKR (ICMPv6 Block Register) [R=W] [0x41F0] [0x00] ICMP6BLKR can selectively set blocking ICMPv6 packets such as PING6, Multicast Listener Discovery (MLD) Query, Router Advertisement (RA), Neighbor Advertisement (NA), and Neighbor Solicitation (NS). Block Packets can be received via IPRAW6 SOCKET. 7 6 5 4 3 2 1 0 PING6 MLD RA NA NS R=W R=W R=W R=W R=W |