| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 63 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 63 Page - WIZnet Co., Ltd |
|
63 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 63/149 It describes TCP version after connection with Destination in TCPD Mode. 0 : TCP4 1 : TCP6 1 TCPOP TCP Operation Mode 0 : TCP Client 1 : TCP Server 0 IP6T IPv6 Address type It describes Source IPv6 Address of the sent packet in TCP6 and TCPD Mode. 0 : LLA 1 : GUA 4.2.9 Sn_PNR (SOCKET n IP Protocol Number Register) [R=W] [0x0100] [0x0000] In IPRAW4 and IPRAW6 mode, Sn_PNR sets upper layer protocol number of IPv4, or next header of IPv6. Please refer to Table 7 and IANA_Protocol Numbers to set sn_PNR. DO NOT set as TCP(0x06) and UDP(0x11). 4.2.10 Sn_TOSR (SOCKET n IP Type of Service Register) [R=W] [0x0104] [0x00] Sn_TOSR sets TOS (Type Of Service) of IPv4 header. ref) IANA_IP Parameters * CAUTION W6100 does not support Traffic Class and Flow Label Field in IPv6 Header. Both will be fixed as ‘0’. 4.2.11 Sn_TTLR (SOCKET n IP Time To Live Register) [R=W] [0x0108] [0x80] Sn_TTLR sets TTL(Time To Live) of IPv4 header, or HOP limit field in IPv6 header. ref) IANA_IP_Parameters 4.2.12 Sn_FRGR (SOCKET n Fragment Offset in IP Header Register) [R=W] [0x010C-0x010D] [0x4000] Sn_FRGR sets Fragment Offset of IP Header. |