전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W6100 데이터시트(PDF) 53 Page - WIZnet Co., Ltd

부품명 W6100
상세설명  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIZNET [WIZnet Co., Ltd]
홈페이지  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 데이터시트(HTML) 53 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 49Page - WIZnet Co., Ltd W6100 Datasheet HTML 50Page - WIZnet Co., Ltd W6100 Datasheet HTML 51Page - WIZnet Co., Ltd W6100 Datasheet HTML 52Page - WIZnet Co., Ltd W6100 Datasheet HTML 53Page - WIZnet Co., Ltd W6100 Datasheet HTML 54Page - WIZnet Co., Ltd W6100 Datasheet HTML 55Page - WIZnet Co., Ltd W6100 Datasheet HTML 56Page - WIZnet Co., Ltd W6100 Datasheet HTML 57Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
53/149
Unlock
Lock
0x53
Others
4.1.62 RTR (Retransmission Time Register)
[R=W] [0x4200-0x4201] [0x07D0]
RTR sets the initial value of Sn_RTR (SOCKET n Retransmission Time Register).
The unit is 100us.
It is involved in retransmission of packet (ARP/ND, TCP) with an RCR (Retransmission Counter
Register). Refer to 6.7 Retransmission.
Ex) RTR = 5000 (0x1388)
5000*100us = 0.5s
RTR0(0x4200)
RTR1(0x4201)
0x13
0x88
4.1.63 RCR (Retransmission Count Register)
[R=W] [0x4204] [0x08]
RCR sets the initial value of Sn_RCR (SOCKET n Retransmission Count Register).
It is involved in retransmission of packet (ARP/ND, TCP) with an RTR (Retransmission Time
Register). Refer to 6.7 Retransmission.
4.1.64 SLRTR (SOCKET-less Retransmission Time Register)
[R=W] [0x4208-0x4209] [0x07D0]
SLRTR sets the Retransmission Time of SLCR.
The unit is 100us.
If there is no response to the request packet transmitted by the SLCR, retransmission occurs. If
the number of retransmissions exceeds the value specified in the SLRCR (SOCKET-less
Retransmission Count Register), Timeout occurs (SLIR [TOUT] = '1').
Refer to 6.7 Retransmission.
Ex) SLRTR = 5000 (0x1388),
5000 * 100us = 0.5s
SLRTR0(0x4208)
SLRTR1(0x4209)
0x013
0x88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More