| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 96 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 96 Page - WIZnet Co., Ltd |
|
96 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 96/149 Sn_CR = CONNECT; /* set CONNECT command */ while(Sn_CR != 0x00); /* wait until CONNECT or CONNECT6 command is cleared */ goto ESTABLISHED?; } TCP6 : { /* set destination IP address, FE80::10D:FC:34A:EF90 */ Sn_DIP6R[0:15] = {0xFE, 0x80, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00 0x01, 0x0D, 0x00, 0xFC, 0x03, 0x4A, 0xEF, 0x90}; /* set destination PORT number, 5000(0x1388) */ Sn_PORTR[0:1] = {0x13, 0x88}; Sn_CR = CONNECT6; /* set CONNECT6 command */ while(Sn_CR != 0x00); /* wait until CONNECT or CONNECT6 command is cleared */ goto ESTABLISHED?; } Others flow Refer to. 6.2.1 TCP SERVER 6.2.4 Other Functions 6.2.4.1 TCP SOCKET Options Before SOCKET n opens by Sn_CR[OPEN] command, users need to set SOCKET option with Sn_MR and Sn_MR2. No Delayed ACK : Sn_MR[ND] = ‘1’ No Delayed ACK option is for sending ACK packet without any delay when it received DATA from peer. Delayed ACK : Sn_MR[ND] = ‘0’ If No Delayed ACK option is cleared, SOCKET responses ACK packet to data from peer when time in RTR elapsed or when TCP window size becomes smaller than the configured MSS by Sn_CR[RECV] command. Force PSH Flag : Sn_MR[FPSH] = ‘1’ If Force PSH option is set, SOCKET puts PSH flag in every DATA packet to be transmitted. |