| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 32 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 32 Page - WIZnet Co., Ltd |
|
32 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 32/149 0 : when Sn_IR is ‘0’ 1 : when Sn_IR is not ‘0’ 4.1.10 SLIR (SOCKET-less Interrupt Register) [RO] [0x2102] [0x00] When a specific command of the SLCR (SOCKET-less Command Register) is successfully executed, timeout occurs for the executed command, or an ICMPv6 RA packet is received from the IPv6 Gateway (Router), the corresponding bit is set. 7 6 5 4 3 2 1 0 TOUT ARP4 PING4 ARP6 PING6 NS RS RA RO RO RO RO RO RO RO RO Bit Symbol Description 7 TOUT Timeout Interrupt 0 : Others 1 : When TIMEOUT occurs after any SOCKET-less Command 6 ARP4 ARP Interrupt 0 : Others 1 : When ARP Reply received after SOCKET-less ARP command 5 PING4 PING Interrupt 0 : Others 1 : When PING Reply received after SOCKET-less PING command 4 ARP6 IPv6 ARP Interrupt 0 : Others 1 : When ARP6 Reply received after SOCKET-less ARP6 command 3 PING6 IPv6 PING Interrupt 0 : Others 1 : When PING6 Reply received after SOCKET-less PING6 command 2 NS DAD NS Interrupt 0 : Others 1 : When NA received after SOCKET-less NS command ref) NS bit is used for IPv6 Address Confliction Detection. 1 RS Auto configuration RS Interrupt 0 : Others 1 : When RA received after SOCKET-less RS command 0 RA RA Receive Interrupt 0 : Others 1 : When All-node RA received from IPv6 Gateway |