| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 36 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 36 Page - WIZnet Co., Ltd |
|
36 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 36/149 4.1.17 SLCR (SOCKET-less Command Register) [RW, AC] [0x2130] [0x00] SLCR performs a command to transmit a specific packet without SOCKET. Command is cleared automatically after completion, and it cannot execute another command before the previous command is cleared. The result of the command execution is confirmed by SLIR (SOCKET-less Interrupt Register). 7 6 5 4 3 2 1 0 - ARP4 PING4 ARP6 PING6 NS RS UNA RW RW RW RW RW RW RW Bit Symbol Description 7 - Reserved 6 ARP4 ARP Request Transmission Command 1 : Transmit ARP Request. 0 : Ready 5 PING4 IPv4 PING Request Transmission Command 1 : Transmit PING Request. 0 : Ready 4 ARP6 NS ARP Transmission Command 1 : Transmit NS ARP. 0 : Ready 3 PING6 IPv6 PING Request Transmission Command 1 : Transmit IPv6 PING Request. 0 : Ready 2 NS NS Transmission Command for DAD 1 : Transmit NS packet for DAD. 0 : Ready 1 RS Auto configuration RS Transmission Command 1 : Transmit RS packet. 0 : Ready 0 UNA Unsolicited NA Transmission Command 1 : Transmit Unsolicited NA packet. 0 : Ready |