| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 85 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 85 Page - WIZnet Co., Ltd |
|
85 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 85/149 Sn_TX_BSR = 2; // assign 2 Kbytes TX buffer per SOCKET Sn_RX_BSR = 2; // assign 2 Kbytes RX buffer per SOCKET TxTotalSize = TxTotalSize + Sn_TX_BSR; RxTotalSize = RxTotalSize + Sn_RX_BSR; If( TxTotalSize > 16 or RxTotalSize > 16 ) goto ERROR; // invalid Total Size } // end for } 6.2 TCP TCP (Transmission Control Protocol) is a bidirectional data transmission protocol based on a 1:1 connection-oriented communication in the transport layer. TCP provides communication between applications which are designated by a port number. TCP 1:1 communication needs the connection process such as transmitting connection request to peer or receiving connection request from peer. In this connection process, the side transmitting connection request is called ‘TCP CLIENT’ and the other side receiving connection request is called ‘TCP SERVER.’ TCP provides reliable, ordered, and error-checked delivery of a stream data between peer systems. 'TCP SERVER' and 'TCP CLIENT' keep the connection and send / receive a data until the TCP connection is terminated. Figure 20 TCP SERVER and TCP CLIENT SERVER CLIENT SERVER CLIENT “ TCP SERVER” “ TCP CLIENT” OPEN LISTEN ESTABLISHED CLOSED OPEN CONNECT ESTABLISHED CLOSED Connect-Request Data Communications Disconnect-Request Or Disconnect-Request Or Disconnect-Request Disconnect-Request Data Communications Connect-Request |