| 전자부품 데이터시트 검색엔진 |
|
W6100 데이터시트(PDF) 48 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 데이터시트(HTML) 48 Page - WIZnet Co., Ltd |
|
48 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 48/149 SLDIPR sets destination IPv4 address for packet transmission by SLCR. SLDIPR address is shared from SLDIPR12 (0x418C) to SLDIPR15 (0x418F). Ex) SLDIPR = “192.169.0.21” SLDIPR0 / SLDIP6R12(0x418C) SLDIPR1 / SLDIP6R13(0x418D) SLDIPR2 / SLDIP6R14(0x418E) SLDIPR3 / SLDIP6R15(0x418F) 192(0xC0) 168(0xA8) 0(0x00) 21(0x15) 4.1.45 SLDHAR (SOCKET-less Destination Hardware Address Register) [RO] [0x4190-0x4195] [0x0000_0000_0000] SLDHAR sets destination hardware address when reply packet of SLCR[ARP4] or SLCR[ARP6] is received. Ex) SLDHAR = “11:22:33:AA:BB:CC” SLDHAR0(0x4190) SLDHAR1(0x4191) SLDHAR2(0x4192) 0x11 0x22 0x33 SLDHAR3(0x4193) SLDHAR4(0x4194) SLDHAR5(0x4195) 0xAA 0xBB 0xCC 4.1.46 PINGIDR (PING ID Register) [R=W] [0x4198-0x4199] [0x0000] PINGIDR sets the ID of the ping request packet to be transmitted by SLCR [PING4] or SLCR [PING6]. Ex) PINGIDR = 256 (0x0100) PINGIDR0(0x4198) PINGIDR1(0x4199) 0x61 0x00 4.1.47 PINGSEQR (PING Sequence-number Register) [R=W] [0x419C-0x419D] [0x0000] PINGSEQR sets the sequence number of the PING request packet to be transmitted by SLCR [PING4] or SLCR [PING6], and does not increase automatically. Ex) PINGSEQR = 1000 (0x03E8) PINGSEQR0(0x419C) PINGSEQR1(0x419D) 0x03 0xE8 |