전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VR4102 데이터시트(PDF) 137 Page - NEC

부품명 VR4102
상세설명  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

VR4102 데이터시트(HTML) 137 Page - NEC

Back Button VR4102 Datasheet HTML 133Page - NEC VR4102 Datasheet HTML 134Page - NEC VR4102 Datasheet HTML 135Page - NEC VR4102 Datasheet HTML 136Page - NEC VR4102 Datasheet HTML 137Page - NEC VR4102 Datasheet HTML 138Page - NEC VR4102 Datasheet HTML 139Page - NEC VR4102 Datasheet HTML 140Page - NEC VR4102 Datasheet HTML 141Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
137
5.3.1 ROM Space
The ROM space differs depending on the data bus’ bit width and the capacity of the ROM being used.
• The data bus’ bit width is set via the DBUS32 pin.
• The ROM capacity is set via the BCUNTREG1’s ROM64 bit.
The physical addresses of the ROM space are listed below.
Table 5-7. ROM Addresses (when using 16-bit data bus)
Physical address
ADD[25:0] pin
When using 32-M ROM
When using 64-M ROM
0x1FFF FFFF to 0x1FC0 0000 0x3FF FFFF to
0x3C0 0000
Bank 3 (ROMCS[3]#)
Bank 3 (ROMCS[3]#)
0x1FBF FFFF to 0x1F80 0000
0x3BF FFFF to
0x380 0000
Bank 2 (ROMCS[2]#)
0x1F7F FFFF to 0x1F40 0000
0x37F FFFF to
0x340 0000
Bank 1 (ROMCS[1]#)
Bank 2 (ROMCS[2]#)
0x1F3F FFFF to 0x1F00 0000
0x33F FFFF to
0x300 0000
Bank 0 (ROMCS[0]#)
0x1EFF FFFF to 0x1E80 0000
0x2FF FFFF to
0x280 0000
ROM space reserved for
future use
Bank 1 (ROMCS[1]#)
0x1E7F FFFF to 0x1E00 0000
0x27F FFFF to
0x200 0000
Bank 0 (ROMCS[0]#)
0x1DFF FFFF to 0x1800 0000
0x1FF FFFF to
0x000 0000
ROM space reserved for
future use
Table 5-8. ROM Addresses (when using 32-bit data bus)
Physical address
ADD[25:0] pin
When using 32-Mbit ROM
When using 64-Mbit ROM
0x1FFF FFFF to 0x1F80 0000
0x3FF FFFF to
0x380 0000
Bank 1 (ROMCS[1]#)
Bank 1 (ROMCS[1]#)
0x1F7F FFFF to 0x1F00 0000
0x37F FFFF to
0x300 0000
Bank 0 (ROMCS[0]#)
0x1EFF FFFF to 0x1E00 0000
0x2FF FFF0 to
0x200 0000
ROM space reserved for
future use
Bank 0 (ROMCS[0]#)
0x1DFF FFFF to 0x1800 0000
0x1FF FFFF to
0x000 0000
ROM space reserved for
future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More