전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VR4102 데이터시트(PDF) 142 Page - NEC

부품명 VR4102
상세설명  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

VR4102 데이터시트(HTML) 142 Page - NEC

Back Button VR4102 Datasheet HTML 138Page - NEC VR4102 Datasheet HTML 139Page - NEC VR4102 Datasheet HTML 140Page - NEC VR4102 Datasheet HTML 141Page - NEC VR4102 Datasheet HTML 142Page - NEC VR4102 Datasheet HTML 143Page - NEC VR4102 Datasheet HTML 144Page - NEC VR4102 Datasheet HTML 145Page - NEC VR4102 Datasheet HTML 146Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
142
5.4.1 Format of a TLB Entry
Figure 5-10 shows the TLB entry formats for both 32- and 64-bit modes. Each field of an entry has a
corresponding field in the EntryHi, EntryLo0, EntryLo1, or PageMask registers.
Figure 5-10. Format of a TLB Entry
114
115
96
127
107 106
(a) 32-bit mode
0
MASK
0
8
2
1
21
13
8
11
64
95
75 74 73 72
71
VPN2
G
0
ASID
59
60
22
4
32
63
37
38
35 34 33
0
PFN
C
D
V
0
1
3
1
1
27
28
22
4
0
31
5
6
3
2
1
0
PFN
C
D
V
0
1
3
1
1
210
211
192
255
203 202
(b) 64-bit mode
0
MASK
0
190 189
8
2
1
2
22
29
45
8
11
128
191
139 138 137 136 135
R
0
VPN2
G
0
ASID
91
92
22
36
64
127
69
70
67 66 65
0
PFN
C
D
V
0
1
3
1
1
27
28
22
36
0
63
5
6
3
2
1
0
PFN
C
D
V
0
1
3
1
1
167
168
The format of the EntryHi, EntryLo0, EntryLo1, and PageMask registers are nearly the same as the TLB entry.
However, it is unknown what bit of the EntryHi register corresponds to the TLB G bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More